Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 26Page - NXP Semiconductors PCA5010 Datasheet HTML 27Page - NXP Semiconductors PCA5010 Datasheet HTML 28Page - NXP Semiconductors PCA5010 Datasheet HTML 29Page - NXP Semiconductors PCA5010 Datasheet HTML 30Page - NXP Semiconductors PCA5010 Datasheet HTML 31Page - NXP Semiconductors PCA5010 Datasheet HTML 32Page - NXP Semiconductors PCA5010 Datasheet HTML 33Page - NXP Semiconductors PCA5010 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 112 page
background image
1998 Nov 02
30
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
6.10
76.8 kHz oscillator
6.10.1
FUNCTION
The oscillator produces a reference frequency of 76.8 kHz.
The frequency offset is compensated by a separate digital
clock correction block. The oscillator operates directly on
VBAT and is always enabled.
6.10.2
OSCILLATOR CIRCUITRY
The on-chip inverting oscillator amplifier is a single NMOS
transistor supplied with a constant current. The amplitude
visible at terminals XTL1 and XTL2 is therefore not a full
rail swing with a very high impedance. To reduce the
power consumption, the input Schmitt trigger buffer is
limited to approximately 100 kHz maximum frequency.
The whole circuit operates directly at the battery supply.
The 76.8 kHz oscillator cannot be disabled. It also
continues its operation during DC/DC converter off or
80C51 stop mode.
The simplest application configuration is shown in Fig.14a.
C1 and C2 can be added to operate a crystal at its optimal
load condition. The resulting capacitance of the series
connection of C1 and C2 must be smaller than 5 pF for a
guaranteed start-up of the oscillator.
Fig.14 Oscillator circuit.
handbook, full pagewidth
MGR115
2 M
Ω
76.8 kHz
10 pF
(a)
(b)
(c)
10 pF
76.8 kHz
76.8 kHz
76.8 kHz
XTL1
XTL2
76.8 kHz
10 pF
10 pF
XTL1
XTL2
2 M
Ω
C1
VP = VBAT
fmax = 100 kHz
C2
10 pF
10 pF
XTL1
XTL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com