Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 13Page - NXP Semiconductors PCA5010 Datasheet HTML 14Page - NXP Semiconductors PCA5010 Datasheet HTML 15Page - NXP Semiconductors PCA5010 Datasheet HTML 16Page - NXP Semiconductors PCA5010 Datasheet HTML 17Page - NXP Semiconductors PCA5010 Datasheet HTML 18Page - NXP Semiconductors PCA5010 Datasheet HTML 19Page - NXP Semiconductors PCA5010 Datasheet HTML 20Page - NXP Semiconductors PCA5010 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 112 page
background image
1998 Nov 02
17
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
6.6.3
PORT I/O CONFIGURATION
Tables 2 to 6 show the hardwired configuration for the different I/Os of the PCA5010.
Table 2
Port 0 configuration; notes 1 and 2
Notes
1. Option 1S means port configuration option 1 with post-reset state set to HIGH; option 1R means post-reset state will
be LOW.
2. ‘hys’ means input stage with hysteresis.
Table 3
Port 1 configuration
Table 4
Port 2 configuration
PORT PIN
CONFIGURATION
PULL-UP
INPUT
RESET
DRIVE
POSSIBLE
APPLICATION IN A
PAGER
P0.0
quasi bidirectional I/O (option 1S)
yes
hys
HIGH
0.75 mA
LCD_enable (O)
P0.1
quasi bidirectional I/O (option 1S)
yes
hys
HIGH
0.75 mA
SPI_enable (O)
P0.2
quasi bidirectional I/O (option 1S)
yes
hys
HIGH
0.75 mA
SPI_clock (O)
P0.3
quasi bidirectional I/O (option 1S)
yes
hys
HIGH
0.75 mA
SPI_data (O)
P0.4
quasi bidirectional I/O (option 1S)
yes
hys
HIGH
0.75 mA
SPI_data (I)
P0.5
quasi bidirectional I/O (option 1R)
yes
hys
LOW
0.75 mA
RXE (O)
P0.6
quasi bidirectional I/O (option 1R)
yes
hys
LOW
0.75 mA
ROE (O)
P0.7
quasi bidirectional I/O (option 1S)
yes
hys
HIGH
0.75 mA
bandwidth (O)/RSSI (I)
PORT PIN
CONFIGURATION
PULL-UP
INPUT
RESET
DRIVE
POSSIBLE
APPLICATION IN A
PAGER
P1.0
quasi bidirectional I/O (option 1S)
yes
hys
HIGH
0.75 mA
Key
P1.1
quasi bidirectional I/O (option 1S)
yes
hys
HIGH
0.75 mA
Key
P1.2
quasi bidirectional I/O (option 1S)
yes
hys
HIGH
0.75 mA
Key
P1.3
quasi bidirectional I/O (option 1S)
yes
hys
HIGH
0.75 mA
RXD
P1.4
quasi bidirectional I/O (option 1S)
yes
hys
HIGH
0.75 mA
TXD
P1.5
not available
P1.6
I2C-bus open-drain I/O (option 2S)
(slew rate limited)
no
hys
HIGH
2.25 mA
SCL
P1.7
I2C-bus open-drain I/O (option 2S)
(slew rate limited)
no
hys
HIGH
2.25 mA
SDA
PORT PIN
CONFIGURATION
PULL-UP
INPUT
RESET
DRIVE
POSSIBLE
APPLICATION IN A
PAGER
P2.0
quasi bidirectional I/O (option 1S)
yes
hys
HIGH
0.75 mA
LCD_Data
P2.1
quasi bidirectional I/O (option 1S)
yes
hys
HIGH
0.75 mA
LCD_Data
P2.2
quasi bidirectional I/O (option 1S)
yes
hys
HIGH
0.75 mA
LCD_Data
P2.3
quasi bidirectional I/O (option 1S)
yes
hys
HIGH
0.75 mA
LCD_Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com