Electronic Components Datasheet Search
  English  ▼

X  

PCA5010 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 32Page - NXP Semiconductors PCA5010 Datasheet HTML 33Page - NXP Semiconductors PCA5010 Datasheet HTML 34Page - NXP Semiconductors PCA5010 Datasheet HTML 35Page - NXP Semiconductors PCA5010 Datasheet HTML 36Page - NXP Semiconductors PCA5010 Datasheet HTML 37Page - NXP Semiconductors PCA5010 Datasheet HTML 38Page - NXP Semiconductors PCA5010 Datasheet HTML 39Page - NXP Semiconductors PCA5010 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 112 page
background image
1998 Nov 02
36
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
6.12.4
ENABLING OF THE 6MHZ OSCILLATOR
Fig.19 Relationship between 6 MHz oscillator, DC/DC converter and microcontroller.
handbook, full pagewidth
MGR120
MICROCONTROLLER
DC/DC CONVERTER
OS6CON,
ENB
I2C-BUS
SERIAL INTERFACE
PX
S0CON,
S0BUF
PORT I/O
EXTERNAL ACCESS
&
≥ 1
6 MHz OSCILLATOR
ENB
F6M
ENB
6.13
Real-time clock
6.13.1
FUNCTION
The real-time clock consists of an 8-bit counter that is
active at all times. To save power it is operated directly on
VBAT. It counts up on every 4 Hz clock pulse (corrected
clock).
The RTC can be read from and written to by the processor.
When it reaches 239, the signal MINUTE is activated. This
signal resets the counter to 0 (at the next clock pulse), and
generates an MIN-interrupt for the processor.
The microcontroller ‘sees’ the minute interrupt as if it was
an X9 interrupt. It can be enabled and disabled and must
be cleared as an X9 interrupt (CLR IQ9).
If the DC/DC converter is not active when this happens,
the DC/DC converter is started first and a power-up/restart
sequence of the microcontroller follows. The MIN bit
remains set during this procedure.
6.13.2
REAL-TIME CLOCK CONTROL REGISTER (RTCON)
The RTCCON special function register is used to control
the operation of the on-chip real-time clock function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com