Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF50732 Datasheet HTML 1Page - NXP Semiconductors PCF50732 Datasheet HTML 2Page - NXP Semiconductors PCF50732 Datasheet HTML 3Page - NXP Semiconductors PCF50732 Datasheet HTML 4Page - NXP Semiconductors PCF50732 Datasheet HTML 5Page - NXP Semiconductors PCF50732 Datasheet HTML 6Page - NXP Semiconductors PCF50732 Datasheet HTML 7Page - NXP Semiconductors PCF50732 Datasheet HTML 8Page - NXP Semiconductors PCF50732 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
1999 May 03
4
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
5
QUICK REFERENCE DATA
Note
1. Without load on audio outputs EARP, EARN, AUXSP and BUZ.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDD
digital supply voltage
1.0
1.5
2.75
V
VDDA
analog supply voltage
VDDA ≥ VDDD
2.5
2.7
2.75
V
IDDA
analog supply current
VDDD = 1.5 V; VDDA = 2.7 V;
RXON active
−
3.5
−
mA
Pav
average power consumption
VDDD = 1.5 V; VDDA = 2.7 V; note 1
−
15
−
mW
Istb(tot)
total standby current
−
10
−µA
fclk
master clock frequency
−
13.0
−
MHz
Tamb
operating ambient temperature
−40
+27
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com