Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 10Page - NXP Semiconductors PCF50732 Datasheet HTML 11Page - NXP Semiconductors PCF50732 Datasheet HTML 12Page - NXP Semiconductors PCF50732 Datasheet HTML 13Page - NXP Semiconductors PCF50732 Datasheet HTML 14Page - NXP Semiconductors PCF50732 Datasheet HTML 15Page - NXP Semiconductors PCF50732 Datasheet HTML 16Page - NXP Semiconductors PCF50732 Datasheet HTML 17Page - NXP Semiconductors PCF50732 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
1999 May 03
14
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
Offset compensation measurement can be done on three
channels separately: baseband receive I channel,
baseband receive Q channel and AUXADC channel. All
AUXADC channels use the same offset compensation
value. Starting an offset measurement is done by writing a
logic 1 into the offset trigger register for each channel that
needs calibration. If the value ‘7’ (decimal) is written into
the offset trigger register offsets will be measured for I, Q
and AUXADC channels.
Offsets can also be read or written directly. Each offset
measurement is implemented internally as an AUXADC
measurement and takes approximately 100
µs.
Offsets from
−256 up to 255 can be compensated.
Table 4
Connection of BSI receive signals to the
PCF5087X
PCF50732
PCF5087X
PIN
I/O
PIN
I/O
RXON
I
RFSIG[z]
O
BDIO
I/O
SIOXD
I/O
BOEN
O
SIXEN_N
I
BIOCLK
O
SIOXCLK
I
9.3.4
BASEBAND SERIAL INTERFACE (BSI) TIMING CHARACTERISTICS
handbook, full pagewidth
MGR990
t39
t9
t10
d.c.(2)
logic 1s
logic 1s
data
data
data
data
d.c.
d.c.
B(0)
B(n)
B(1)
t6
t7
t42
t44
t40
ramp-up
32 QB
intermediate ramp
32 QB
trail
2 BIOCLK
clocks
ramp-down
32 QB
t43
high-Z
high-Z
high-Z
high-Z
BIOCLK
AUXDAC3
TXI/Q(1)
BDIO
BIEN
TXON
t5
Fig.5 Timing of the baseband serial interface transmit path; for the timing values see Table 5
(1) TXI/Q = transmit I or Q.
(2) d.c. = don’t care; will be overwritten with logic 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com