Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 36Page - NXP Semiconductors PCF50732 Datasheet HTML 37Page - NXP Semiconductors PCF50732 Datasheet HTML 38Page - NXP Semiconductors PCF50732 Datasheet HTML 39Page - NXP Semiconductors PCF50732 Datasheet HTML 40Page - NXP Semiconductors PCF50732 Datasheet HTML 41Page - NXP Semiconductors PCF50732 Datasheet HTML 42Page - NXP Semiconductors PCF50732 Datasheet HTML 43Page - NXP Semiconductors PCF50732 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
1999 May 03
40
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
13.3.4
ADD INSTRUCTION
The ADD (Add to accumulator) instruction is used to add data to the VSP’s accumulator. Flags affected are
EQ0 and EQ1.
Table 37 ADD instruction
13.3.5
SUB INSTRUCTION
The SUB (Subtract from accumulator) instruction is used to subtract data from the VSP’s accumulator. Flags affected
are EQ0 and EQ1.
Table 38 SUB instruction
13.3.6
MUL INSTRUCTION
The MUL (Multiply with accumulator) instruction is used to multiply data with the VSP’s accumulator. Flags affected are
EQ0 and EQ1. The second operand of the multiplication is restricted to 16-bit; e.g. R(r.a.).
Table 39 MUL instruction
15 14 13 12 11 10 9 876543
2
1
0
OPERATION
ASSEMBLER
NAME
0101
coefficient
A + coeff
→ A
ADD c <coeff> add coefficient
010000
0 X X X
register address
A + R(r.a.)
→ A
ADD r <r.a.>
add register
010000
1 X X X
register address
A + R(r.a. + I)
→ A ADD i <r.a.>
add register
indexed
010001
0 XXXXXX port number A + P(p.n.)
→ A
ADD p <p.n.>
add port
010001
1
small integer
A + s.i.
→ A
ADD s <s.i.>
add integer
010010
0 XXXXXX
X
X
X
A + I
→ A
ADD x
add index
15 14 13 12 11 10 9 876543
2
1
0
OPERATION
ASSEMBLER
NAME
0
1
1
1
coefficient
A
− coeff → A
SUB c <coeff> subtract
coefficient
0
1
1
0
0
0
0 X X X
register address
A
− R(r.a.) → A
SUB r <r.a.>
subtract register
0
1
1
0
0
0
1 X X X
register address
A
− R(r.a. + I) → A SUB i <r.a.>
subtract register
indexed
0
1
1
0
0
1
0XXXXXX port number A
− P(p.n.) → A
SUB p <p.n.>
subtract port
0
1
1
0
0
1
1
small integer
A
− s.i. → A
SUB s <s.i.>
subtract integer
0
1
1
0
1
0
0XXXXXX
X
X
X
A
− I → A
SUB x
subtract index
15 14 13 12 11 10 9 876543
2
1
0
OPERATION
ASSEMBLER
NAME
1
0
0
1
coefficient
A
× coeff → A
MUL c <coeff> multiply
coefficient
100000
0 X X X
register address
A
× R(r.a.) → A
MUL r <r.a.>
multiply register
100000
1 X X X
register address
A
× R(r.a. + I) → A MUL i <r.a.>
multiply register
indexed
100001
0 XXXXXX
port number A
× P(p.n.) → A
MUL p <p.n.>
multiply port
100001
1
small integer
A
× s.i. → A
MUL s <s.i.>
multiply integer
100010
0 XXXXXX
X
X
X
A
× I → A
MUL x
multiply index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com