Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 13Page - NXP Semiconductors PCF50732 Datasheet HTML 14Page - NXP Semiconductors PCF50732 Datasheet HTML 15Page - NXP Semiconductors PCF50732 Datasheet HTML 16Page - NXP Semiconductors PCF50732 Datasheet HTML 17Page - NXP Semiconductors PCF50732 Datasheet HTML 18Page - NXP Semiconductors PCF50732 Datasheet HTML 19Page - NXP Semiconductors PCF50732 Datasheet HTML 20Page - NXP Semiconductors PCF50732 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
1999 May 03
17
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
10.1.5
EARAMP
EARAMP is an amplifier, capable of driving a standard
earpiece with a minimum impedance of 8
Ω in
single-ended mode or 16
Ω in differential mode.
10.1.6
AUXAMP
AUXAMP is an amplifier for connection to an external
loudspeaker amplifier of minimum 8
Ω (hands-free car kit).
An ‘auxiliary speaker external amplifier control’ output
pin (AMPCTRL) can be used to switch on/off an external
amplifier (hands-free car kit). The status of AMPCTRL is
programmable via the Control Serial Interface; its default
value is on.
10.1.7
BUZAMP
BUZAMP is an amplifier for connection to an external
buzzer of minimum 8
Ω. It has the same output
characteristics as the AUXAMP and can hence be used as
a second auxiliary output amplifier. It is switched on/off by
a dedicated control bit in the Control register block.
10.2
Voice band transmit path
The voice band transmit path consists of the following
parts:
• MICMUX: microphone input multiplexer
• MICADC: Σ∆ analog-to-digital converter
• DECIMATOR: decimates the incoming bit stream from
1 MHz to 40 kHz
• TXFILTER: band-pass filter for the digital transmit signal
and down-sampling
• TXPGA/LIM: fine-programmable gain for calibration,
limiter
• SidePGA: voice band sidetone programmable gain
amplifier.
Linearity of transmitter equipment, signal-to-total harmonic
distortion ratio according to
“GSM recommendation
II.11.10 V.4.16.1”.
10.2.1
MICMUX
MICMUX is used to select between a differential signal at
pins MICP/MICN and a differential signal at pins
AUXMICP/AUXMICN.
Values are specified for a standard electret microphone
with a sensitivity of
−64 ±3 dB for high gain or for an
external microphone with an amplifier sensitivity of
−26 ±3 dB (0 dB ≡ 1 V/0.1 Pa = 1 V/µbar; at 1 kHz).
10.2.2
MICADC
MICADC is a
Σ∆ A/D converter which generates a 1 MHz
bitstream.
10.2.3
DECIMATOR AND TXFILTER
The DECIMATOR is a digital filter, which performs a signal
processing to a lower sampling rate at the output
compared to the input.
The bitstream with a sampling frequency of 1 MHz is
low-pass filtered and down-sampled to 40 kHz by a FIR
filter.
A digital high-pass filter and a digital low-pass filter (both
IIR filters) process the 14-bit input samples to achieve a
band-pass with a pass band from 300 to 3400 Hz. These
filters run on the on-chip voice band signal processor (see
Fig.7). It’s program is down-loaded into the instruction
memory (IRAM) via the CSI (see Table 26).
The output of the TXFILTER is down-sampled to a
sampling frequency of 8 kHz with a word length of 16 bits.
10.2.4
TXPGA
TXPGA adapts the analog signals coming from MICMUX
within a range of
−30 to +6 dB. It is designed for calibration
purposes.
10.2.5
SIDEPGA
SidePGA loops part of the voice band transmit signal back
into the receive path. There are 64 gain steps from mute to
+6 dB.
10.3
Voice band digital circuitry
The voice band digital circuitry is responsible for
converting a 16-bit PCM signal at 8 kHz sample rate to and
from a 1-bit 1 MHz signal. It also contains a band-pass
filter for 300 to 3400 Hz and a sidetone engine. Various
volume settings are calculated inside this block. Figure 7
shows the block diagram of the voice band signal
processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com