Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 48Page - NXP Semiconductors PCF50732 Datasheet HTML 49Page - NXP Semiconductors PCF50732 Datasheet HTML 50Page - NXP Semiconductors PCF50732 Datasheet HTML 51Page - NXP Semiconductors PCF50732 Datasheet HTML 52Page - NXP Semiconductors PCF50732 Datasheet HTML 53Page - NXP Semiconductors PCF50732 Datasheet HTML 54Page - NXP Semiconductors PCF50732 Datasheet HTML 55Page - NXP Semiconductors PCF50732 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
1999 May 03
52
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
18.5
Auxiliary digital-to-analog converters
VDDA = 2.5 to 2.75 V; Tamb = −40 to +85 °C.
Notes
1. INL: the difference of the output to the best fit line. INL(i) =[V(i) − (a + i × b)]/1 LSB; INL = (INL(i)(max) − INL(i)(min))/2.
2. DNL is the difference between individual code width and average code width (1 LSB); maximum and minimum
specified. DNL(i) = [(V(i + 1) − V(i) − 1 LSB)/1 LSB]; DNL(min) > −1 is equivalent to monotonicity V(i+1) >V(i).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
AUXDAC1
RESDAC1
resolution
−
8
−
bit
VOMINDAC1
minimum output voltage
register value: 000H
0
−
0.15
V
VOMAXDAC1
maximum output voltage
register value: 0FFH
2.1
2.2
2.3
V
VDEFDAC1
output voltage after reset
register value: 085H
−
1.147
−
V
MONDAC1
monotonicity range
−
8
−
bit
INLDAC1
integral non-linearity(1)
−5.0
−
+5.0
LSB
DNLDAC1
differential non-linearity(2)
−1.0
−
+1.0
LSB
OFFSDAC1
offset error
−80
−
+80
mV
FSSTDAC1
full-scale settling time
load: 50 pF // 2 k
Ω, to VSS;
see Fig.13a
−
40
−µs
LSBSTDAC1
one LSB settling time
−
8
−µs
AUXDAC2
RESDAC2
resolution
−
12
−
bit
VOMINDAC2
minimum output voltage
register value: 000H
0
−
0.15
V
VOMAXDAC2
maximum output voltage
register value: FFFH
2.1
2.2
2.32
V
VDEFDAC2
output voltage after reset
register value: 800H
−
1.1
−
V
MONDAC2
monotonicity range
−
12
−
bit
INLDAC2
integral non-linearity(1)
−±10
−
LSB
DNLDAC2
differential non-linearity(2)
−1.0
−
+2.0
LSB
OFFSDAC2
offset error
−25
−
+25
mV
FSSTDAC2
full-scale settling time
load: 50 pF // 10 k
Ω, to
VSS; see Fig.13b
−
40
−µs
LSBSTDAC2
one LSB settling time
−
8
−µs
POSTDAC2
power-on settling time
see Section 18.1
−−
4ms
AUXDAC3
RESDAC3
resolution
−
10
−
bit
VOMINDAC3
minimum output voltage
register value: 000H
0
−
0.15
V
VOMAXDAC3
maximum output voltage
register value: 3FFH
2.1
2.2
2.3
V
MONDAC3
monotonicity range
−
10
−
bit
INLDAC3
integral non-linearity(1)
−5.0
−
+5.0
LSB
DNLDAC3
differential non-linearity(2)
−1.0
−
+1.0
LSB
OFFSDAC3
offset error
−40
−
+40
mV
FSSTDAC3
full-scale settling time
load: 50 pF // 1 k
Ω, to VSS;
see Fig.13c
110
15
µs
LSBSTDAC3
one LSB settling time
−
2.5
−µs
SSCDAC3
output source/sink current
−−
2.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com