Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 12Page - NXP Semiconductors PCF50732 Datasheet HTML 13Page - NXP Semiconductors PCF50732 Datasheet HTML 14Page - NXP Semiconductors PCF50732 Datasheet HTML 15Page - NXP Semiconductors PCF50732 Datasheet HTML 16Page - NXP Semiconductors PCF50732 Datasheet HTML 17Page - NXP Semiconductors PCF50732 Datasheet HTML 18Page - NXP Semiconductors PCF50732 Datasheet HTML 19Page - NXP Semiconductors PCF50732 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
1999 May 03
16
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
Baseband Serial Interface (BSI) receive path (see Fig.6)
t11
analog power-up and filter settling time
ZIF mode
−
52
−µs
NZIF mode
−
26
−µs
t12
BIOCLK cycle time
ZIF mode
−
2t1
−
ns
NZIF mode
−
t1
−
ns
t13
BOEN LOW after falling clock edge
−−
15
ns
t14
BIOCLK falling edge to data valid
−−
15
ns
t15
BOEN HIGH after falling clock edge
−−
15
ns
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
10 VOICE BAND CODEC
The voice band CODEC is a complete analog front-end
circuit. It consists of three parts:
• The receive path, which converts a digital linear PCM
signal to an analog signal for an earpiece, an external
loudspeaker or a buzzer
• The transmit path, which receives an analog signal
from a microphone or an auxiliary input and converts it
into a digital linear PCM signal
• The digital Audio Serial Interface (ASI), which
connects the digital linear PCM signals of the receive
and transmit paths to a digital signal processor.
Various functions and characteristics of the voice band
CODEC can be selected by programming the
corresponding control registers in the Control register
block (see also Tables 11, 22, 23, 24 and 25).
10.1
Voice band receive path
The voice band receive path consists of the following
parts:
• The receive part of the voice band signal processor
• NOISE SHAPER: 3rd order digital Σ∆ modulator,
generates a bit stream at 1 MHz to drive the EARDAC
• EARDAC: digital-to-analog converter including
low-pass filter for high frequency noise content of noise
shaper
• EARAMP: amplifier for an earpiece
• AUXAMP: amplifier for an auxiliary loudspeaker
• BUZAMP: amplifier for a buzzer output.
Linearity of receiver equipment (to earpiece) at
EARPGA = 0 dB and a volume control (VOLPGA and
EARAMP or AUXAMP) of
−12 dB, signal-to-total harmonic
distortion ratio according to
“GSM recommendation
II.11.10 V.4.16.1”.
10.1.1
RXVOL
RXVOL controls the volume of the voice band receive
path. In conjunction with EARAMP, AUXAMP and
BUZAMP it allows a gain variation from +6 to
−30 dB in
64 steps; see Table 25. RXVOL also provides a mute
selection of the three outputs EARP/EARN, AUXSP and
BUZ respectively. At RESET the volume is automatically
set to
−12 dB.
10.1.2
RXPGA
RXPGA controls the gain of the voice band receive path
within a range of
−24 to +12 dB in 64 steps for calibration
purposes.
10.1.3
RXFILTER
RXFILTER is a digital band-pass filter with a pass band
from 300 to 3400 Hz. It is realized by a programmable
structure (voice band signal processor).
10.1.4
EARDAC
EARDAC is a DAC operating at a sampling frequency of
1 MHz. It converts the bitstream input to a sampled
differential analog signal and low-pass filters the output
signal at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com