Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 21Page - NXP Semiconductors PCF50732 Datasheet HTML 22Page - NXP Semiconductors PCF50732 Datasheet HTML 23Page - NXP Semiconductors PCF50732 Datasheet HTML 24Page - NXP Semiconductors PCF50732 Datasheet HTML 25Page - NXP Semiconductors PCF50732 Datasheet HTML 26Page - NXP Semiconductors PCF50732 Datasheet HTML 27Page - NXP Semiconductors PCF50732 Datasheet HTML 28Page - NXP Semiconductors PCF50732 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
1999 May 03
25
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
12.3
Control register block
This section describes the different registers that are implemented in the PCF50732. An overview is given in Table 11.
Tables 12 to 29 describe all the registers of the PCF50732.
Table 11 Control register block overview
Notes
1. See description in Section 11.4.
2. Do not use this register.
12.3.1
READ REQUEST REGISTER
Table 12 Read request register
X = don’t care during a read/or write access.
Table 13 Read request registers value description
ADDRESS
ACCESS
REGISTER NAME
0000
W
Read request register
0001
R/W
AUXDAC1 (AGC) value register
0010
R/W
AUXDAC2 (AFC) value register
0011
R/W
Burst control register
0100
R/W
AUXADC control register
0101
R
AUXADC channel 1 register A (AUXADC1A); note 1
0110
R
AUXADC channel 1 register B (AUXADC1B); note 1
0111
R
AUXADC channel 2 register (AUXADC2); note 1
1000
R
AUXADC channel 3 register (AUXADC3); note 1
1001
R
AUXADC channel 4 register (AUXADC4); note 1
1010
R/W
Voice band control register
1011
R/W
Voice band volume register
1100
R/W
Power control register
1101
R/W
RAM interface register
1110
R/W
Baseband receive control register
1111
R/W
Test mode register; note 2
ADDRESS
REGISTER NAME
VALUE
11
10
9876543210
0000
Read request register
X
X
X
X
r3
r2
r1
r0
s3
s2
s1
s0
VALUE OF
SYMBOL
DESCRIPTION
Read request register
r3 to r0
Address of the register to be read.
s3 to s0
Subaddress that might be needed. The subaddress bits are right
aligned, meaning that the subaddress always starts with bit ‘s0’ (LSB);
e.g. in case of two subaddress bits, ‘s1’ and ‘s0’ are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com