Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 40Page - NXP Semiconductors PCF50732 Datasheet HTML 41Page - NXP Semiconductors PCF50732 Datasheet HTML 42Page - NXP Semiconductors PCF50732 Datasheet HTML 43Page - NXP Semiconductors PCF50732 Datasheet HTML 44Page - NXP Semiconductors PCF50732 Datasheet HTML 45Page - NXP Semiconductors PCF50732 Datasheet HTML 46Page - NXP Semiconductors PCF50732 Datasheet HTML 47Page - NXP Semiconductors PCF50732 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
1999 May 03
44
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
Digital bidirectional pins: CDO and BDIO
VIL
LOW-level input voltage
0.0
−
0.3VDDD
V
VIH
HIGH-level input voltage
0.7VDDD
−
VDDD
V
ILI
input leakage current
−±1
−
µA
VOL
LOW-level output voltage
Isink = 1.5 mA
−−
0.2VDDD
V
VOH
HIGH-level output voltage
Isource = 1.5 mA
0.7VDDD
−−
V
Low-swing clock input: MCLK
ILI
input leakage current
−±1
−
µA
Analog power supplies: VDDA(bb), VDDA(vb), VDDA(vbo) and VDDA(ref)
VDDA
analog supply voltage
2.5
2.7
2.75
V
IDDA
analog supply current
VDDD = 1.5 V;
VDDA = 2.7 V;
RXON active
−
3.5
−
mA
Analog reference pin: Vref
Vref
DC reference level
no external load
−
1.25
−
V
II(ref)
input source/sink current
−
0.1
−µA
Analog output pins: IP, IN, QP and QN
Vbias(TXIQ)
DC bias level
1.175
1.25
1.325
V
Analog input pins: MICP and MICN
Vref(MIC)
DC input reference level
−
0.5Vref
−
V
Analog input pins: AUXMICP and AUXMICN
Vref(AUXMIC)
DC input reference level
−
0.5Vref
−
V
Analog output pins: EARP and EARN
Vbias(EAR)
DC bias level
−
Vref
−
V
Analog output pin: AUXSP
Vbias(AUX)
DC bias level
−
Vref
−
V
Analog output pin: BUZ
Vbias(BUZ)
DC bias level
−
Vref
−
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com