Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 16Page - NXP Semiconductors PCF50732 Datasheet HTML 17Page - NXP Semiconductors PCF50732 Datasheet HTML 18Page - NXP Semiconductors PCF50732 Datasheet HTML 19Page - NXP Semiconductors PCF50732 Datasheet HTML 20Page - NXP Semiconductors PCF50732 Datasheet HTML 21Page - NXP Semiconductors PCF50732 Datasheet HTML 22Page - NXP Semiconductors PCF50732 Datasheet HTML 23Page - NXP Semiconductors PCF50732 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
1999 May 03
20
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
10.3.2.3
Audio Serial Interface (ASI) timing characteristics
Table 7
ASI timing characteristics
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
t16
frame sync (AFS) set-up time to falling edge of ACLK
70
−−
ns
t17
frame sync (AFS) hold time from falling edge of ACLK
40
−−
ns
t18
ACLK rising edge to data (ADO) valid
−30
−
+30
ns
t19
data (ADI) set-up time to falling edge of ACLK
50
−−
ns
t20
data (ADI) hold time from falling edge of ACLK
80
−−
ns
t21
first data valid (ADO) after AFS rising edge
0
−
60
ns
t40
ACLK period
single clock mode
0.5
−
7.8
µs
double clock mode
0.5
−
3.9
µs
t41
AFS period
−
125
−µs
t42
ACLK LOW before AFS rising edge
40
−−
ns
Fig.9 Timing of the Audio Serial Interface (ASI).
handbook, full pagewidth
MGR994
single
clock
mode
ADO
ACLK
AFS
ADI
t41
last slot
last bit
last slot
last bit
first slot
first bit
MSB
LSB
first slot
second bit
last slot
last bit
last slot
last bit
first slot
first bit
MSB
LSB
first slot
second bit
double
clock
mode
ADO
ADI
last slot
last bit
last slot
last bit
first slot
first bit
MSB
LSB
high-Z
high-Z
slot 1
bit 2
last slot
last bit
last slot
last bit
first slot
first bit
MSB
LSB
slot 1
bit 2
t16
t42
t17
t40
t21
t20
t18
t19
t19
t20
t21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com