Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 7Page - NXP Semiconductors PCF50732 Datasheet HTML 8Page - NXP Semiconductors PCF50732 Datasheet HTML 9Page - NXP Semiconductors PCF50732 Datasheet HTML 10Page - NXP Semiconductors PCF50732 Datasheet HTML 11Page - NXP Semiconductors PCF50732 Datasheet HTML 12Page - NXP Semiconductors PCF50732 Datasheet HTML 13Page - NXP Semiconductors PCF50732 Datasheet HTML 14Page - NXP Semiconductors PCF50732 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
1999 May 03
11
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
Fig.3 Transfer functions for the baseband receive filter.
3
handbook, full pagewidth
600
500
f (kHz)
20
0
gain
(dB)
100
200
300
400
−20
−40
−60
−80
−100
0
MBL025
ZIF
NZIF
9.3
Baseband Serial Interface (BSI)
9.3.1
OVERVIEW
The digital part of the baseband consists of a receive
section and a transmit section. The receive section is a
FIR filter that reduces the 6.5 MHz (13 MHz for
NZIF mode) bitstream from the sigma-delta converters
into 2
× 12-bit values at 270.833 kHz (541.667 kHz for
NZIF mode).
The transmit section converts the 270.833 kHz data
stream from the DSP into a GMSK signal sampled at
4.333 MHz. The 10-bit I and Q signals are then fed into
two 10-bit DACs. The power ramping signal is also
generated by the transmit section with the 10-bit
AUXDAC3 block.
9.3.2
TRANSMIT PATH BLOCK DESCRIPTION
9.3.2.1
Transmit serial interface
The power-up of the BSI transmit path is controlled via the
TXON pin. When TXON is pulled HIGH, the transmit path
recovers from power-down. The MCLK/48 = 270.833 kHz
output signal BIOCLK is activated. When the BIEN0 period
has elapsed the output signal BIEN goes LOW and the bits
to be transmitted are clocked out of the DSP.
BIEN0 must be at least 10 quarterbits long to allow settling
of the analog filters. Bits are clocked out of the DSP by the
falling edge and clocked into the PCF50732 by the rising
edge of BIOCLK. After the BIEN1 period has elapsed,
BIEN is set HIGH again and transmission from the DSP
ends. Logic 1s are modulated whenever BIEN is HIGH
and the baseband transmit (BBTX) block is active. Values
for BIEN0 and BIEN1 can be set in the Burst control
register.
Figure 5 shows the timing for the BSI data transmission.
In power-down the de-asserted value of BIOCLK is high-Z
and BIEN is HIGH. Typical connection to the system DSP
is defined in Table 1.
Table 1
Connection of BSI transmit signals to
PCF5087X
PCF50732
PCF5087X
PIN
I/O
PIN
I/O
TXON
I
RFSIG[y]
O
BDIO
I/O
SIOXD
I/O
BIEN
O
SOXEN_N
I
BIOCLK
O
SIOXCLK
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com