Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 3Page - NXP Semiconductors PCF50732 Datasheet HTML 4Page - NXP Semiconductors PCF50732 Datasheet HTML 5Page - NXP Semiconductors PCF50732 Datasheet HTML 6Page - NXP Semiconductors PCF50732 Datasheet HTML 7Page - NXP Semiconductors PCF50732 Datasheet HTML 8Page - NXP Semiconductors PCF50732 Datasheet HTML 9Page - NXP Semiconductors PCF50732 Datasheet HTML 10Page - NXP Semiconductors PCF50732 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
1999 May 03
7
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
Note
1. O/TS = 3-state output.
AUXDAC3
33
O
−−
−
auxiliary DAC output for power ramping; maximum load
50 pF,
±600 µA
VDDA(ref)
34
P
−−
−
reference voltage power supply (analog)
VSSA(ref)
35
G
−−
−
reference voltage ground (analog)
Vref
36
I/O
−−
−
band gap reference voltage noise decoupling
VDDA(vb)
37
P
−−
−
voice band voltage power supply
AUXMICP
38
I
−−
−
auxiliary microphone differential positive input
AUXMICN
39
I
−−
−
auxiliary microphone differential negative input
MICP
40
I
−−
−
microphone differential positive input
MICN
41
I
−−
−
microphone differential negative input
VSSA(vb)
42
G
−−
−
voice band ground
BUZ
43
O
−−
−
buzzer output
AUXSP
44
O
−−
−
auxiliary speaker output
EARN
45
O
−−
−
earphone differential negative output
EARP
46
O
−−
−
earphone differential positive output
VDDA(vbo)
47
P
−−
−
voice band output buffer voltage power supply (analog)
VSSA(vbo)
48
G
−−
−
voice band output buffer ground (analog)
SYMBOL
PIN
DESCRIPTION
NR. TYPE(1)
ACTIVE
LEVEL
ACTIVE
EDGE
IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com