Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 22Page - NXP Semiconductors PCF50732 Datasheet HTML 23Page - NXP Semiconductors PCF50732 Datasheet HTML 24Page - NXP Semiconductors PCF50732 Datasheet HTML 25Page - NXP Semiconductors PCF50732 Datasheet HTML 26Page - NXP Semiconductors PCF50732 Datasheet HTML 27Page - NXP Semiconductors PCF50732 Datasheet HTML 28Page - NXP Semiconductors PCF50732 Datasheet HTML 29Page - NXP Semiconductors PCF50732 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
1999 May 03
26
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
12.3.2
AUXDAC1 (AGC) VALUE AND AUXDAC2 (AFC) VALUE REGISTERS
Table 14 Registers overview
X = don’t care during a read/or write access.
Table 15 AUXDAC1 (AGC) value and AUXDAC2 (AFC) value registers value description
12.3.3
BURST CONTROL REGISTER
The Burst control register controls the timing of the transmit burst (TX-burst). The ‘lo’-registers contain the lower 8 bits,
the ‘hi’-registers the upper 4 bits of a 12-bit delay value. Therefore, each register has a programmable range
from 0 to 4095. Not all combinations of values might make sense e.g. ramp-down before ramp-up.
Table 16 Burst control register (address 001 and subaddresses)
X = don’t care during a read/or write access.
Notes
1. The programming is described in Section 9.3.2.2.
2. The subaddress positions bit 9 (s1) and bit 8 (s0) do not apply to the DAC3 burst RAM data register.
ADDR.
REGISTER NAME
VALUE
11
10
9876543210
0001
AUXDAC1 (AGC) value register
X
X
X
X
b7
b6
b5
b4
b3
b2
b1
b0
0010
AUXDAC2 (AFC) value register
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
VALUE OF
SYMBOL
DESCRIPTION
AUXDAC1 (AGC) value register b7 to b0
input value to the 8-bit AUXDAC1 (fed directly into the DAC); the default
value is 85H
AUXDAC2 (AFC) value register
b11 to b0
input value to the 8-bit AUXDAC2 (fed directly into the DAC); the default
value is 800H
FUNCTION
SUBADDRESS
VALUE
11
(s3)
10
(s2)
9
(s1)
8
(s0)
76543210
RU-lo
0
0
0
0
b7
b6
b5
b4
b3
b2
b1
b0
RU-hi
0
0
0
1
X
X
X
X
b11
b10
b9
b8
RM-lo
0
0
1
0
b7
b6
b5
b4
b3
b2
b1
b0
RM-hi
0
0
1
1
X
X
X
X
b11
b10
b9
b8
RD-lo
0
1
0
0
b7
b6
b5
b4
b3
b2
b1
b0
RD-hi
0
1
0
1
X
X
X
X
b11
b10
b9
b8
BIEN0-lo
0
1
1
0
b7
b6
b5
b4
b3
b2
b1
b0
BIEN0-hi
0
1
1
1
X
X
X
X
b11
b10
b9
b8
BIEN1-lo
1
0
0
0
b7
b6
b5
b4
b3
b2
b1
b0
BIEN1-hi
1
0
0
1
X
X
X
X
b11
b10
b9
b8
Single/double burst mode(1)
1
0
1
0
XXXXXXX
b0
DAC3 burst RAM address(1)
1
0
1
1
X
X
a5
a4
a3
a2
a1
a0
DAC3 burst RAM data(1)
11
d9(2)
d8(2)
d7
d6
d5
d4
d3
d2
d1
d0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com