Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 8Page - NXP Semiconductors PCF50732 Datasheet HTML 9Page - NXP Semiconductors PCF50732 Datasheet HTML 10Page - NXP Semiconductors PCF50732 Datasheet HTML 11Page - NXP Semiconductors PCF50732 Datasheet HTML 12Page - NXP Semiconductors PCF50732 Datasheet HTML 13Page - NXP Semiconductors PCF50732 Datasheet HTML 14Page - NXP Semiconductors PCF50732 Datasheet HTML 15Page - NXP Semiconductors PCF50732 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
1999 May 03
12
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
9.3.2.2
Power ramping controller
The PCF50732 fully supports all multislot modes which do
not require full duplex operation or more than two
consecutive transmit bursts. In this specification double
burst mode is used for all supported multislot modes while
single burst mode supports the normal GSM modes.
The power ramping controller drives the power amplifier
output envelope.
In each transmit (TX) burst one ramp-up and one
ramp-down will be carried out. In multislot mode one
intermediate ramp will be carried out in addition to ramp-up
and ramp-down. Each ramp consists of 16 discrete step
values that are sent to the DAC3. Each step’s duration is
2 quarterbits which translates into 8-bit long ramps.
The DAC3 output is in 3-state whenever it is powered
down. The ramping step values are stored in a 64
× 10-bit
RAM as shown in Table 2.
In order to initialize AUXDAC3 it is necessary to write into
the RAM all 32 (or 48 in multislot mode) DAC3 output
values. Filling the RAM is normally done by writing a
logic 0 to the address sub-register of the Burst control
register, after which 32 or 48 values, depending on
multislot mode, can be written into the data sub-register of
the Burst control register. Writing to the DAC3 RAM is only
possible when the DAC3 is powered off.
Total number of CSI-accesses is therefore 33 for a normal
burst and 49 for a double burst.
An autoincrement feature will store these data into the
correct RAM positions.
The value after power-up of DAC3 will always be equal to
the value of RAM location 47.
AUXDAC3 timing is controlled by the Burst control
register. This contains the following sub-registers:
• The RU register containing the delay in number of
quarterbit cycles from the assertion of TXON to the start
of the power-up ramping; default value is 0
• The RM register containing the delay in number of
quarterbit cycles from the assertion of TXON to the start
of the intermediate power ramp; default value is 0. RM
is only used in case of multislot mode
• The RD register containing the delay in number of
quarterbit cycles from the assertion of TXON to the start
of the power-down ramping; default value is 0
• DAC3 burst RAM address register
• DAC3 burst RAM data register
• Single/double burst mode register: normal mode or
multislot mode selection flag.
After TXON goes HIGH and a time equal to RU quarterbit
periods has elapsed, power ramp-up is done.
After a time period equal to RD quarterbits has elapsed
power ramp-down is initiated.
The AUXDAC3 output is also shown in Fig.4.
Values for RU (ramp-up) and RD (ramp-down) can be set
in the Burst control register of the control serial interface.
RD must be greater than RU + 32. RU and RD range
from 0 to 4000 QB (quarterbit). The register offers the
possibility to enter codes up to 4095.
The GMSK modulator is active for a period of 2 clock
cycles after the ramp-down or for the length of the TXON
burst, whichever is longer.
Multislot (high speed switched data mode) can be selected
by setting the appropriate bit in the Burst control register.
In multislot mode an intermediate ramping step is done.
This intermediate step is started after a time period equal
to RM quarterbits has elapsed. A value for RM
(intermediate ramp) is also set using the Burst control
register. The following conditions must be true:
RU + 32 < RM and RM + 32 < RD.
Table 2
AUXDAC3 RAM contents
Table 3
Power ramping timing characteristics
Note
1. QB: Quarterbit, usually referred to the time needed for
one quarter of a GSM baseband bit, i.e. a frequency of
1
⁄12 × 13 MHz.
RAM ADDRESS
DATA
0 to 15
ramp-up data
16 to 31
intermediate ramp data
32 to 47
ramp-down data
48 to 64
not used
SYMBOL
VALUE
COMMENTS(1)
t0
12t1
one quarterbit (QB)
tru
RU register
0 to 4000 QB
tim
RM register
RU + 32 to 4000 QB
trd
RD register
RM + 32 to 4000 QB
trup, trim, trdo
32t0
8 bits; 32 QB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com