Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 23Page - NXP Semiconductors PCF50732 Datasheet HTML 24Page - NXP Semiconductors PCF50732 Datasheet HTML 25Page - NXP Semiconductors PCF50732 Datasheet HTML 26Page - NXP Semiconductors PCF50732 Datasheet HTML 27Page - NXP Semiconductors PCF50732 Datasheet HTML 28Page - NXP Semiconductors PCF50732 Datasheet HTML 29Page - NXP Semiconductors PCF50732 Datasheet HTML 30Page - NXP Semiconductors PCF50732 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
1999 May 03
27
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
Table 17 Burst control registers value description
12.3.4
AUXADC CONTROL REGISTER
Table 18 AUXADC control register (address 0100 and subaddresses)
X = don’t care during a read/or write access.
VALUE OF
DESCRIPTION
RU
Value RU, consisting of RU-lo (least significant byte) and RU-hi (most significant byte), is the delay
measured in quarterbits (1
⁄12MCLK) between the rising edge of TXON and the start of the ramp-up on
AUXDAC3. After this delay, the first 16 values of the AUXDAC3 RAM are sent to AUXDAC3. Shifting out
is done at 1
⁄24MCLK.
RM
Value RM, consisting of RM-lo (least significant byte) and RM-hi (most significant byte), is the delay
measured in quarterbits between the rising edge of TXON and the start of the intermediate ramp in a
double burst ramp. The RM value is only used in multislot mode. RM must be greater than RU + 32.
RD
Value RD, consisting of RD-lo (least significant byte) and RD-hi (most significant byte), is the delay
measured in quarterbits between the rising edge of TXON and the start of the ramp-down on AUXDAC3.
RD must be greater than RU + 32, or in case of multislot mode, greater than RM + 32.
BIEN0
Value BIEN0, consisting of BIEN0-lo (least significant byte) and BIEN0-hi (most significant byte), is the
delay measured in quarterbits between the rising edge of TXON and the falling edge of BIEN.
BIEN1
Value BIEN1, consisting of BIEN1-lo (least significant byte) and BIEN1-hi (most significant byte), is the
delay measured in quarterbits between the rising edge of TXON and the rising edge of BIEN. BIEN1
must be greater than BIEN0.
FUNCTION
SUBADDRESS
VALUE
11
(s2)
10
(s1)
9
(s0)
8
7
6
5
432
1
0
AUXADC conversion delay
value register
0
0
0
X
X
b6
b5
b4b3b2
b1
b0
AUXADC flag register
0
0
1
X
Qoff
Ioff
auxoff
flag 4
flag 3
flag 2
flag 1B flag 1A
AUXADC offset value
register
1
0
0
9-bit signed offset compensation value
I channel offset value
register
1
0
1
9-bit signed offset compensation value
Q channel offset value
register
1
1
0
9-bit signed offset compensation value
Offset trigger register
1
1
1
X
X
X
X
X
X
Q-off
I-off
Aux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com