Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF50732 Datasheet HTML 1Page - NXP Semiconductors PCF50732 Datasheet HTML 2Page - NXP Semiconductors PCF50732 Datasheet HTML 3Page - NXP Semiconductors PCF50732 Datasheet HTML 4Page - NXP Semiconductors PCF50732 Datasheet HTML 5Page - NXP Semiconductors PCF50732 Datasheet HTML 6Page - NXP Semiconductors PCF50732 Datasheet HTML 7Page - NXP Semiconductors PCF50732 Datasheet HTML 8Page - NXP Semiconductors PCF50732 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
1999 May 03
5
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
6
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
BSI
OUTPUT
AMPLIFIER
IRAM
OUTPUT
AMPLIFIER
ASI
CSI
AUXDAC1
8-BIT
AUXDAC2
12-BIT
DAC3
CTL
64
× 10-BIT
SRAM
DIGITAL
FILTER
ADC
ADC
10-BIT
DAC
10-BIT
DAC
LP
LP
GMSK
MODULATOR
CLOCK
GENERATOR
19
16
17
15
TXON
BIEN
BDIO
BIOCLK
18
20
BOEN
RXON
13
9
10
11
12
14
4
3
2
1
6
AUXST
CCLK
CEN
CDI
CDO
AMPCTRL
ACLK
AFS
ADI
ADO
MCLK
5
RESET
23
24
21
22
27
28
29
32
31
40
41
38
46
45
44
REFERENCE
VOLTAGES AND
CURRENTS
36
Vref
QP
QN
IP
IN
AUXADC1
AUXADC2
AUXADC3
30
AUXADC4
AUXDAC2
AUXDAC3
10-BIT
33
AUXDAC3
AUXDAC1
MICP
MICN
AUXMICP
39
AUXMICN
EARP
EARN
AUXSP
OUTPUT
AMPLIFIER
43
BUZ
826
42
48
35
VSSD
VSSA(bb) VSSA(vb) VSSA(vbo) VSSA(ref)
7
VDDD
25
VDDA(bb)
37
VDDA(vb)
47
VDDA(vbo)
34
VDDA(ref)
PCF50732
M
U
X
M
U
X
MGR988
2
10
12
8
10
10
2
MICADC
EARDAC
1 MHz
DECIMATION
FILTER
VOICE BAND
SIGNAL
PROCESSOR
NOISE
SHAPER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com