Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 33Page - NXP Semiconductors PCF50732 Datasheet HTML 34Page - NXP Semiconductors PCF50732 Datasheet HTML 35Page - NXP Semiconductors PCF50732 Datasheet HTML 36Page - NXP Semiconductors PCF50732 Datasheet HTML 37Page - NXP Semiconductors PCF50732 Datasheet HTML 38Page - NXP Semiconductors PCF50732 Datasheet HTML 39Page - NXP Semiconductors PCF50732 Datasheet HTML 40Page - NXP Semiconductors PCF50732 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
1999 May 03
37
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
13.2
VSP assembler language
The stack for return addresses is only one entry deep which means that nesting of subroutines is not possible.
Table 30 VSP instruction set
X = don’t care during a read/or write access. For the description of the bit symbols see notes 1 to 8.
Notes
1. c11 to c0 denotes a 12-bit twos complement coefficient between
−1 and +1.
2. m3 to m0 denotes a 4-bit instruction mode descriptor.
3. f2 to f0 denotes a 3-bit flag descriptor.
4. a8 to a0 denotes a 9-bit address.
5. i5 to i0 denotes a 6-bit index register value.
6. a8 to a0 denotes a 9-bit address.
7. X is a don’t care bit.
8. im2 to im0 denotes a 3-bit instruction mode descriptor for the IDX operator.
MNEMONIC
INSTRUCTION
I3 I2 I1
I0
D11 D10
D9
D8 D7 D6 D5 D4 D3 D2 D1 D0
LDA
Load accumulator
0
0
0
m3
c11
c10
c9
c8
c7
c6
c5
c4
c3
c2
c1
c0
m3
m2
m1
m0
d8
d7
d6
d5
d4
d3
d2
d1
d0
STO
Store accumulator
0
0
1
0
m2
m1
m0
X
X
X
d5
d4
d3
d2
d1
d0
RTN
Return from subroutine
0
0
1
1
X
X
X
XXXXXXXXX
ADD
Add to accumulator
0
1
0
m3
c11
c10
c9
c8
c7
c6
c5
c4
c3
c2
c1
c0
m3
m2
m1
m0
d8
d7
d6
d5
d4
d3
d2
d1
d0
SUB
Subtract from
accumulator
0
1
1
m3
c11
c10
c9
c8
c7
c6
c5
c4
c3
c2
c1
c0
m3
m2
m1
m0
d8
d7
d6
d5
d4
d3
d2
d1
d0
MUL
Multiply with accumulator
1
0
0
m3
c11
c10
c9
c8
c7
c6
c5
c4
c3
c2
c1
c0
m3
m2
m1
m0
d8
d7
d6
d5
d4
d3
d2
d1
d0
JMFS
Jump if flag set
1
0
1
0
f2
f1
f0
a8
a7
a6
a5
a4
a3
a2
a1
a0
JMFC
Jump if flag clear
1
0
1
1
f2
f1
f0
a8
a7
a6
a5
a4
a3
a2
a1
a0
JSFS
Jump subroutine if flag set
1
1
0
0
f2
f1
f0
a8
a7
a6
a5
a4
a3
a2
a1
a0
JSFC
Jump subroutine if flag
clear
1
1
0
1
f2
f1
f0
a8
a7
a6
a5
a4
a3
a2
a1
a0
STF
Set/clear flag
1
1
1
0
f2
f1
f0
XXXXXXXX
d0
IDX
Index operations
1
1
1
1
im2
im1
im0
X
X
X
i5
i4
i3
i2
i1
i0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com