Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 2Page - NXP Semiconductors PCF50732 Datasheet HTML 3Page - NXP Semiconductors PCF50732 Datasheet HTML 4Page - NXP Semiconductors PCF50732 Datasheet HTML 5Page - NXP Semiconductors PCF50732 Datasheet HTML 6Page - NXP Semiconductors PCF50732 Datasheet HTML 7Page - NXP Semiconductors PCF50732 Datasheet HTML 8Page - NXP Semiconductors PCF50732 Datasheet HTML 9Page - NXP Semiconductors PCF50732 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
1999 May 03
6
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
7
PINNING
SYMBOL
PIN
DESCRIPTION
NR. TYPE(1)
ACTIVE
LEVEL
ACTIVE
EDGE
IDD
ADO
1
O/TS
−−
1.5 mA
audio digital interface PCM data output to DSP
ADI
2
I
−−
−
audio digital interface PCM data input from DSP
AFS
3
I
−
rising
−
audio digital interface PCM frame synchronization signal
from DSP
ACLK
4
I
−
rising
−
audio digital interface PCM clock signal from DSP
RESET
5
I
LOW
−−
asynchronous reset input
MCLK
6
I
−
rising
−
low-swing master clock input; fclk = 13 MHz; integrated
capacitive coupling
VDDD
7P
−−
−
digital power supply
VSSD
8G
−−
−
digital ground
CCLK
9
I
−
falling
−
control bus clock input from DSP
CEN
10
I
LOW
−−
control bus data enable from DSP
CDI
11
I
−−
−
control bus data input from DSP
CDO
12
O/TS
−−
1.5 mA
control bus data output to DSP
AUXST
13
I
HIGH
−−
status control signal for activation of AUXDAC1,
AUXDAC2 and MCLK input
AMPCTRL
14
O
−−
1.5 mA
general purpose output pin
BIOCLK
15
O/TS
−−
3 mA
baseband interface data clock
BIEN
16
O
LOW
−
1.5 mA
baseband transmit interface data enable signal
BDIO
17
I/O
−−
1.5 mA
baseband interface data I/O from/to DSP
BOEN
18
O
LOW
−
1.5 mA
baseband receive interface data enable signal
TXON
19
I
HIGH
−−
baseband transmit path activation signal
RXON
20
I
HIGH
−−
baseband receive path activation signal
IP
21
I/O
−−
−
(I) baseband differential positive input/output to IF circuit
IN
22
I/O
−−
−
(I) baseband differential negative input/output to
IF circuit
QP
23
I/O
−−
−
(Q) baseband differential positive input/output to
IF circuit
QN
24
I/O
−−
−
(Q) baseband differential negative input/output to
IF circuit
VDDA(bb)
25
P
−−
−
baseband power supply (analog)
VSSA(bb)
26
G
−−
−
baseband ground (analog)
AUXADC1
27
I
−−
−
auxiliary ADC input 1 for battery voltage measurement
AUXADC2
28
I
−−
−
auxiliary ADC input 2
AUXADC3
29
I
−−
−
auxiliary ADC input 3
AUXADC4
30
I
−−
−
auxiliary ADC input 4
AUXDAC1
31
O
−−
−
auxiliary DAC output for AGC; max. load 50 pF // 2 k
Ω
AUXDAC2
32
O
−−
−
auxiliary DAC output for AFC; max. load 50 pF // 10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com