Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 26Page - NXP Semiconductors PCF50732 Datasheet HTML 27Page - NXP Semiconductors PCF50732 Datasheet HTML 28Page - NXP Semiconductors PCF50732 Datasheet HTML 29Page - NXP Semiconductors PCF50732 Datasheet HTML 30Page - NXP Semiconductors PCF50732 Datasheet HTML 31Page - NXP Semiconductors PCF50732 Datasheet HTML 32Page - NXP Semiconductors PCF50732 Datasheet HTML 33Page - NXP Semiconductors PCF50732 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
1999 May 03
30
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
12.3.7
VOICE BAND VOLUME REGISTER
Voice band gain settings can be independently programmed for: TXPGA, RXPGA, RXVOL and SidePGA.
Table 23 Voice band volume register (address 1011 and subaddresses)
X = don’t care during a read/or write access.
Table 24 Voice band volume registers value description
Note
1. Possible gain settings are listed in Table 25 or can be calculated using the following formulae (‘n’ is an integer that
represents the value that is written into the register; n = 0 to 63):
a) RXPGA and TXPGA:
; add 6.02 dB to each gain for RXPGA and TXPGA settings.
b) RXVOL and SidePGA:
FUNCTION
SUBADDRESS
VALUE
SELECTED
RANGE
DEFAULT
SETTING
11
(s2)
10
(s1)
9
(s0)
876
5
4
3
2
1
0
TXPGA gain
0
0
0
X
X
X
a
b
c
d
e
f
−24 to +12 dB
0 dB
RXPGA gain
0
0
1
X
X
X
a
b
c
d
e
f
RXVOL gain
0
1
0
X
X
X
a
b
c
d
e
f
−30 to +6 dB
−12 dB
SidePGA gain
0
1
1
X
X
X
a
b
c
d
e
f
mute
Band gap setting level
1
0
0
X
X
X
a
b
c
X
X
X
−100 to +75 mV 0 mV offset
Experimental bits
1
0
1
X
X
X
dir
pll
dc
vbch hclk bgb
−
pll on, all
others off
VALUE
REMARKS
DESCRIPTION
TXPGA gain
microphone calibration
TXPGA and RXPGA settings use the 6-bit binary fixed point value
‘ab.cdef’ as a multiplier for each PCM-sample. This results in a
control range of +12 to
−24 dB. See note 1a.
RXPGA gain
earphone calibration
RXVOL gain
customer volume control RXVOL and SidePGA settings use the 6-bit binary fixed point
value ‘a.bcdef’ as a multiplier for each PCM-sample. This results
in a control range of +6 to
−30 dB (and mute). See note 1b.
SidePGA gain
−
Experimental bits
−• dir: bypass clock buffer
• pll: clock optimizer
• dc: bypass clock capacitor
• vbch: voice band chopping
• hclk: 26 MHz master clock input
• bgb: band gap boost
Band gap setting level
do not use
gain
20
n
16
------
log
×
=
gain
20
n
32
------
log
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com