Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 43Page - NXP Semiconductors PCF50732 Datasheet HTML 44Page - NXP Semiconductors PCF50732 Datasheet HTML 45Page - NXP Semiconductors PCF50732 Datasheet HTML 46Page - NXP Semiconductors PCF50732 Datasheet HTML 47Page - NXP Semiconductors PCF50732 Datasheet HTML 48Page - NXP Semiconductors PCF50732 Datasheet HTML 49Page - NXP Semiconductors PCF50732 Datasheet HTML 50Page - NXP Semiconductors PCF50732 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
1999 May 03
47
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
18.2
Baseband receive (RXI/Q to BSI)
VDDA = 2.5 to 2.75 V; Tamb = −40 to +85 °C; all values valid for ZIF and NZIF modes.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX. UNIT
RESRXIQ
resolution
I and Q word length at BSI
−
12
−
bit
S/NRXIQ
signal to noise ratio
−
66
−
dB
VICM(RXIQ)
input common mode
voltage
(IP + IN)/2; (QP + QN)/2; referred to VSS
1.0
1.25
1.5
V
VIDM(RXIQ)
input differential
voltage
(IP
− IN); (QP − QN)
−1.5
−
1.5
V
FSINRXIQ
input sampling
frequency
Baseband receive control register = 0X
−
6.5
−
MHz
Baseband receive control register = 1X
−
13
−
MHz
FSOUTRXIQ output sample rate
Baseband receive control register = 00 or 11
−
270.833
−
kHz
Baseband receive control register = 10
−
541.667
−
kHz
FRESPRXIQ frequency response
Baseband receive control register = 0X; note 1
f = 0 to 70 kHz; VIDM(RXIQ) = 150 mV (p-p)
−0.8
0
+0.3
dB
f = 90 kHz; VIDM(RXIQ) = 150 mV (p-p)
−−3.5
−
dB
f = 100 kHz; VIDM(RXIQ) = 150 mV (p-p)
−−5.5
−
dB
f = 200 kHz; VIDM(RXIQ) = 150 mV (p-p)
−−
−35
dB
f > 220 kHz; VIDM(RXIQ) = 150 mV (p-p)
−−
−45
dB
Baseband receive control register = 1X;
note 1 and 2
f = 0 to 140 kHz; VIDM(RXIQ) = 150 mV (p-p)
−0.8
0
+0.3
dB
f = 180 kHz; VIDM(RXIQ) = 150 mV (p-p)
−−3.5
−
dB
f = 200 kHz; VIDM(RXIQ) = 150 mV (p-p)
−−5.5
−
dB
f = 400 kHz; VIDM(RXIQ) = 150 mV (p-p)
−−
−35
dB
f > 440 kHz; VIDM(RXIQ) = 150 mV (p-p)
−−
−45
dB
DYNRXIQ
dynamic signal range
ZIF mode
f = 20 Hz to 135 kHz
60
68
−
dB
NZIF mode
f = 20 Hz to 270 kHz
60
68
−
dB
SINADRXIQ
signal to noise and
distortion ratio
f = 20.0 kHz; VIDM(RXIQ) = 2 V (p-p)
40
−−
dB
f = 67.7 kHz; VIDM(RXIQ) = 2 V (p-p)
−
65
−
dB
f = 20 kHz; VIDM(RXIQ) = 150 mV (p-p)
−
40
−
dB
f = 67.7 kHz; VIDM(RXIQ) = 150 mV (p-p)
−
40
−
dB
OPC
output code in BDIO
for maximum input amplitude
−±1440
−
LSB
PSRRRXIQ
power supply ripple
rejection
applying a 100 mV (p-p)/217 Hz sine wave on
top of the analog power supply
−
70
−
dB
GERRRXIQ
gain error
referenced to maximum amplitude
−6
−
+6
%
−0.5
−
+0.5
dB
GMATRXIQ
gain matching error
at maximum input level
−3
−
+3
%
−0.25 −
+0.25 dB
GDMATRXIQ group delay matching
of I and Q RX paths
measured at full-scale; 10 kHz<f<100 kHz;
output load = 10 pF // 10 k
Ω
−−
5ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com