Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 25Page - NXP Semiconductors PCF50732 Datasheet HTML 26Page - NXP Semiconductors PCF50732 Datasheet HTML 27Page - NXP Semiconductors PCF50732 Datasheet HTML 28Page - NXP Semiconductors PCF50732 Datasheet HTML 29Page - NXP Semiconductors PCF50732 Datasheet HTML 30Page - NXP Semiconductors PCF50732 Datasheet HTML 31Page - NXP Semiconductors PCF50732 Datasheet HTML 32Page - NXP Semiconductors PCF50732 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
1999 May 03
29
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
12.3.6
VOICE BAND CONTROL REGISTER
The Voice band control register is used to control the following functionality of the voice band CODEC:
• Analog input source: microphone (MICAMP) or auxiliary (AUXMIC) input
• Analog output device: earphone (EARAMP), auxiliary (AUXAMP) or buzzer (BUZAMP) output; this register allows
individual control of all three output amplifiers
• EARAMP output mode: single-ended (EARP) or differential (EARN/EARP). This selects the input source for the
EARAMP-N amplifier. In single-ended mode EARAMP-N will be at Vref, in differential mode it will carry the output signal
• General purpose output pin: AMPCTRL
• Receive and transmit path delay values
• ASI clock mode
• TX gain boost (MICHI).
Table 22 Voice band control register (address 1010 and subaddresses)
X = don’t care during a read/or write access.
FUNCTION
SUBADDRESS
VALUE
FUNCTION SETTING
11
(s2)
10
(s1)
9
(s0)
876543210
Select input source
0
0
0
don’t care
0
MICAMP (default)
1
AUXMIC
Select output amplifier
0
0
1
don’t care
X
X
X
0
EARAMP-P off
X
X
X
1
EARAMP-P on (default)
X
X
0
X EARAMP-N off
X
X
1
X EARAMP-N on (default)
X
0
X
X AUXAMP off (default)
X
1
X
X AUXAMP on
0
X
X
X BUZAMP off (default)
1
X
X
X BUZAMP on
EARAMP output mode
0
1
0
don’t care
0
single-ended
1
differential (default)
AMPCTRL pin polarity
0
1
1
don’t care
0
active LOW
1
active HIGH (default)
Receive path data channel
1
0
0
don’t care
dcb
a
4-bit delay value (default = 0)
Transmit path data channel
1
0
1
d
c
b
a
ASI clock mode
1
1
0
don’t care
0
single clock (default)
1
double clock
TX gain boost (MICHI)
1
1
1
don’t care
07 dB
1
35 dB (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com