Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 34Page - NXP Semiconductors PCF50732 Datasheet HTML 35Page - NXP Semiconductors PCF50732 Datasheet HTML 36Page - NXP Semiconductors PCF50732 Datasheet HTML 37Page - NXP Semiconductors PCF50732 Datasheet HTML 38Page - NXP Semiconductors PCF50732 Datasheet HTML 39Page - NXP Semiconductors PCF50732 Datasheet HTML 40Page - NXP Semiconductors PCF50732 Datasheet HTML 41Page - NXP Semiconductors PCF50732 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
1999 May 03
38
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
Table 31 Mode descriptions
Note
1. Value range in increments of 1.
Table 32 Index mode descriptions
Table 33 Flag descriptions
Table 34 Port descriptions
m3
m2
m1
m0
MODE NAME
OPERAND
RANGE
ASSEMBLER
SHORT HAND
0
0
0
0
register
R(d5 to d0)
register 0 to 63
r
0
0
0
1
register indexed
R((d5 to d0) + index)
register 0 to 63
i
0
0
1
0
port
P(d2 to d0)
ports 0 to 7
p
0
0
1
1
small integer
d8 to d0
−256 to +255; note 1
s
0
1
0
0
index
index
0 to 63; note 1
i
1
bits 11 to 0 form a 12-bit twos complement coefficient between
−1 and +1
c
im2
im1
im0
NAME
OPERAND
0
0
0
store
index = d5 to d0
0
0
1
increment
index = (d5 to d0) + index
1
0
0
accu
index = accu
f2
f1
f0
NAME
DESCRIPTION
REMARKS
TYPE
0
0
0
ALW
always set
flag is clear in VSP test mode; used to initiate BIST
system
0
0
1
INZ
set if index not zero used to implement loops
0
1
0
EQ0
set if accu is all 0
0
1
1
EQ1
set if accu is all 1
1
0
0
SYNC
PCM sync signal
used to sync VSP to external PCM signal
1
0
1
A
user flag A
user
1
1
0
B
user flag B
1
1
1
C
user flag C
used to reset noise shaper and FIR filter
P2
P1
P0
NAME
DIRECTION
RANGE
0
0
0
Receive (RX)
read/write
−32768 to +32767 (16 bits)
0
0
1
Transmit (TX)
read/write
−32768 to +32767 (16 bits)
0
1
0
CSI
read/write
−2048 to +2047 (12 bits)
0
1
1
ZERO
read
fixed 0
1
0
0
TXPGA
read
0 to 63 (
−24 to +12 dB)
1
0
1
RXPGA
read
0 to 63 (
−24 to +12 dB)
1
1
0
RXVOL
read
0 to 63 (
−20 to +6 dB)
1
1
1
SidePGA
read
0 to 63 (
−20 to +6 dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com