Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 29Page - NXP Semiconductors PCF50732 Datasheet HTML 30Page - NXP Semiconductors PCF50732 Datasheet HTML 31Page - NXP Semiconductors PCF50732 Datasheet HTML 32Page - NXP Semiconductors PCF50732 Datasheet HTML 33Page - NXP Semiconductors PCF50732 Datasheet HTML 34Page - NXP Semiconductors PCF50732 Datasheet HTML 35Page - NXP Semiconductors PCF50732 Datasheet HTML 36Page - NXP Semiconductors PCF50732 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
1999 May 03
33
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
Table 27 RAM interface register (address 1101 and subaddresses)
X = don’t care during a read/or write access.
12.3.10 BASEBAND RECEIVE CONTROL REGISTER
Normal bandwidth refers to an input signal bandwidth of 100 kHz used for ZIF operation, double bandwidth is 200 kHz
used for NZIF operation. Normal sampling refers to a sampling rate of 1
⁄2MCLK, double sampling refers to sampling at
MCLK.
Table 28 Baseband receive control register (address 1110)
Notes
1. Default value.
2. Do not use this function.
FUNCTION
SUBADDRESS
VALUE
11
(s1)
10
(s0)
9876543210
VSP instruction RAM data low-byte
0
0
X
X
d7
d6
d5
d4
d3
d2
d1
d0
VSP instruction RAM data high-byte
0
1
X
X
d7
d6
d5
d4
d3
d2
d1
d0
VSP instruction RAM program counter
1
0
X
a8
a7
a6
a5
a4
a3
a2
a1
a0
VSP interface register
1
1
x9
x8
x7
x6
x5
x4
x3
x2
x1
x0
FUNCTION
VALUE
OUTPUT
RATE
11
10
9876543210
Normal bandwidth;
normal sampling (ZIF)
0
0
don’t care
0
0
271 kHz(1)
double sampling; note 2
0
0
0
1
135 kHz
Double bandwidth;
normal sampling (NZIF)
0
0
don’t care
1
0
542 kHz
double sampling
0
0
1
1
271 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com