Electronic Components Datasheet Search
  English  ▼

X  

PCF50732 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF50732
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF50732 Datasheet HTML 14Page - NXP Semiconductors PCF50732 Datasheet HTML 15Page - NXP Semiconductors PCF50732 Datasheet HTML 16Page - NXP Semiconductors PCF50732 Datasheet HTML 17Page - NXP Semiconductors PCF50732 Datasheet HTML 18Page - NXP Semiconductors PCF50732 Datasheet HTML 19Page - NXP Semiconductors PCF50732 Datasheet HTML 20Page - NXP Semiconductors PCF50732 Datasheet HTML 21Page - NXP Semiconductors PCF50732 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
1999 May 03
18
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
Fig.7 Block diagram of the voice band signal processor.
handbook, full pagewidth
MGR992
DECIMATOR
16-bit, 8 kHz
1-bit, 1 MHz
ASI
ADI
ACLK
AFS
ADO
RX_BS
(receive bitstream)
TX_BS
(transmit bitstream)
RX/TX
FILTER
VOICE BAND SIGNAL PROCESSOR
TXPGA/LIM
RXPGA/LIM
RXVOL
SidePGA
RRAM
IRAM
NOISE
SHAPER
10.3.1
VOLUME CONTROL BLOCK
The volume control block contains the RXPGA, SidePGA,
TXPGA and both limiter blocks. The possible settings can
be found in the description of the CSI block. All digital
volume control blocks, i.e. RXPGA, SidePGA, and
TXPGA, will allow settings from +6 to
−30 dB and mute in
64 steps. However, not all combinations of settings for
these blocks will be meaningful. The limiter will always clip
signals with overflow to the maximum or minimum
allowable value.
10.3.2
AUDIO SERIAL INTERFACE (ASI) BLOCK
The ASI is the voice band serial interface which provides
the connection for the exchange of PCM data in both
receive and transmit directions, between the baseband
digital signal processor and the PCF50732. The data is
coded in 16-bit linear PCM twos complement words.
A frame start is defined by the first falling edge of ACLK
after a rising AFS. This first falling edge is used to clock in
the first data bit on both the baseband and the DSP device.
Data on pin ADI is clocked in (MSB first) on the falling edge
of the ACLK clock. Data is clocked out (MSB first) on pin
ADO on the rising edge of the ACLK clock.
Pin ADO is put in 3-state after the LSB of the transmit
word, independent of the length of the AFS pulse. If the
channel position 0 (see Section 10.3.2.1) is selected, then
the MSB must be output directly after AFS becomes a
logic 1, even if no rising edge on ACLK has been given yet.
The following modes of operation are programmable:
channel position and ACLK clock mode.
10.3.2.1
Channel position mode
Depending on a programmable register value n
(n = 0 to 15) one of 16 channels can be selected (see
Table 22). The ASI can add a delay of 16
× n-bit clocks
between the assertion of AFS and the start of the MSB of
the PCM values. This delay is independently
programmable for transmit and receive mode.
10.3.2.2
ACLK clock mode
Single or double clock mode can be selected. Double clock
mode implies two clock pulses per data bit and is used for
communication with IOM2 compatible devices. In double
clock mode data must be output on the first rising edge and
be read on the last falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com