Electronic Components Datasheet Search
  English  ▼

X  

PMP71 Datasheet(PDF) 32 Page - Endress+Hauser Group Services AG

Part # PMP71
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP71 Datasheet(HTML) 32 Page - Endress+Hauser Group Services AG

Back Button PMP71 Datasheet HTML 28Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 29Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 30Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 31Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 32Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 33Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 34Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 35Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 36Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
32
Endress+Hauser
Total performance in % of the set span with TD1:1 →  30
Long-term stability in % of the upper range limit (URL) →  30
Total error - PMP71
Measuring cell
Standard 1) 2)
Platinum 1) 2)
AISI 316L or Alloy C
% of the upper range limit /
AISI 316L or Alloy C
% of the upper range limit /
1 year
5 years
10 years
1 year
5 years
10 years
400 mbar (6 psi)
± 0.23
± 0.25
± 0.28
± 0.22
± 0.24
± 0.27
1 bar (15 psi)
± 0.23
± 0.25
± 0.28
± 0.22
± 0.24
± 0.27
2 bar (30 psi)
± 0.25
± 0.30
± 0.33
± 0.24
± 0.29
± 0.32
4 bar (60 psi)
± 0.23
± 0.25
± 0.28
± 0.22
± 0.24
± 0.27
10 bar (150 psi)
± 0.17
± 0.19
± 0.22
± 0.17
± 0.18
± 0.21
40 bar (600 psi)
± 0.17
± 0.19
± 0.22
± 0.16
± 0.18
± 0.21
100 bar (1500 psi)
± 0.18
± 0.20
± 0.23
± 0.18
± 0.20
± 0.23
400 bar (6000 psi)
± 0.20
± 0.22
± 0.25
± 0.18
± 0.20
± 0.23
700 bar (10500 psi)
± 0.20
± 0.22
± 0.25
± 0.18
± 0.20
± 0.23
1)
Valid for membrane material AISI 316L (1.4435), Alloy C 276.
2)
The specification values are applicable to the temperature range per 28 °C (per 50 °F) with reference to + 25°C (77°F) for all measuring cells. The
specification values are applicable to analog output (i.e. inclusion of electronics error).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com