Electronic Components Datasheet Search
  English  ▼

X  

PMP71 Datasheet(PDF) 89 Page - Endress+Hauser Group Services AG

Part # PMP71
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP71 Datasheet(HTML) 89 Page - Endress+Hauser Group Services AG

Back Button PMP71 Datasheet HTML 85Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 86Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 87Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 88Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 89Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 90Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 91Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 92Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 93Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
Endress+Hauser
89
Process connections for
PMP75 with flush-mounted
process isolating diaphragm
ASME flanges, in accordance with connection dimensions ASME B 16.5, raised face RF
g
2
d
M
k
D
g
A0023913
Engineering unit in
Flange 1) 2) 3)
Boltholes
Diaphragm seal
Approval 4) Option 5)
Nominal
diameter
Class
D
Thickness Raised face Number g2
Hole
circle
max.
diameter of the
process isolating
diaphragm
Weight
b
g
f
k
dM
[in]
[lb./sq.in] [in] [in]
[in] [in]
[in] [in]
[in]
[kg (lb)]
1
150
4.25 0.56
2
0.08 4
0.62 3.12
1.26
1.2 (2.65)
CRN
AC
1
300
4.88 0.69
2
0.08 4
0.75 3.5
1.26
1.3 (2.87)
CRN
AN
1
400/600
4.88 0.69
2
0.25 4
0.75 3.5
1.26
1.4 (3.09)
CRN
HC
1
900/1500 5.88 1.12
2
0.25 4
1
4
1.26
3.2 (7.06)
CRN
HN
1
2500
6.25 1.38
2
0.25 4
1
4.25
1.26
4.6 (10.14)
CRN
HO
1 ½
150
5
0.69
2.88 0.06 4
0.62 3.88
1.89
1.5 (3.31)
CRN
AE
1 ½
300
6.12 0.81
2.88 0.06 4
0.88 4.5
1.89
2.6 (5.73)
CRN
AQ
2
150
6
0.75
3.62 0.06 4
0.75 4.75
2.32
2.2 (4.85)
CRN
AF
2
300
6.5
0.88
3.62 0.06 8
0.75 5
2.32
3.4 (7.5)
CRN
AR
2
400/600
6.5
1
3.62 0.25 8
0.75 5
2.32
4.3 (9.48)
CRN
HF
2
900/1500 8.5
1.5
3.62 0.25 8
1
6.5
2.32
10.3 (22.71) CRN
HR
2
2500
9.25 2
3.62 0.25 8
1.12 6.75
2.32
15.8 (34.84) -
H3
3
150
7.5
0.94
5
0.06 4
0.75 6
3.5
5.1 (11.25)
CRN
AG
3
300
8.25 1.12
5
0.06 8
0.75 6
3.5
7.0 (15.44)
CRN
AS
4
150
9
0.94
6.19 0.06 8
0.75 7.5
3.5
7.2 (15.88)
CRN
AH
4
300
10
1.25
6.19 0.06 8
0.88 7.88
3.5
11.7 (25.8)
CRN
AT
1)
Material AISI 316/316L: Combination of AISI 316 for required pressure resistance and AISI 316L for required chemical resistance (dual rated)
2)
The roughness of the surface in contact with the medium including the raised face of the flanges (all standards) made of Alloy C276, Monel,
tantalum, rhodium-gold or PTFE is Ra< 0.8 µm (31.5 µin). Lower surface roughness on request.
3)
The flange raised face is made of the same material as the process isolating diaphragm.
4)
CSA approval: Product Configurator, order code for "Approval"
5)
Product Configurator, order code for "Process connection"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com