Electronic Components Datasheet Search
  English  ▼

X  

PMP71 Datasheet(PDF) 2 Page - Endress+Hauser Group Services AG

Part # PMP71
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP71 Datasheet(HTML) 2 Page - Endress+Hauser Group Services AG

  PMP71 Datasheet HTML 1Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 2Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 3Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 4Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 5Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 6Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 7Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 8Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
2
Endress+Hauser
Table of contents
Document information ....................... 4
Document function ............................ 4
Symbols used ................................ 4
Documentation ............................... 5
Terms and abbreviations ........................
6
Turn down calculation .......................... 7
Registered trademarks .......................... 7
Function and system design ................... 8
Device features ............................... 8
Measuring principle ............................ 9
Product design .............................. 10
Applications suitable for custody transfer measurement ... 10
Communication protocol ........................ 11
Input .................................... 12
Measured variable ............................ 12
Measuring range ............................. 12
Output .................................. 15
Output Signal ............................... 15
Signal range 4 to 20 mA ........................ 15
Signal on alarm .............................. 15
Maximum load - 4 to 20 mA HART ................. 16
Dead time, time constant ....................... 16
Dynamic behavior, current output .................. 17
Dynamic behavior digital output (HART electronics) ..... 17
Dynamic behavior PROFIBUS PA .................. 17
Dynamic behavior FOUNDATION Fieldbus ............ 18
Damping .................................. 18
Alarm current ............................... 19
Firmware version ............................ 19
HART protocol-specific data ..................... 19
PROFIBUS PA protocol-specific data ................ 19
FOUNDATION Fieldbus protocol-specific data .......... 20
Power supply ............................. 23
Terminal assignment .......................... 23
Supply voltage .............................. 24
Current consumption .......................... 24
Electrical connection .......................... 25
Terminals ................................. 25
Cable entries ............................... 25
Device plug ................................. 25
Cable specification ............................ 26
Start-up current ............................. 27
Residual ripple .............................. 27
Overvoltage protection (optional) .................. 27
Influence of power supply ....................... 27
Performance characteristics of PMP71/PMP75
metallic pressure transmitter
(Sensor module + Electronic module) ........... 28
Reference operating conditions ................... 28
Preamble .................................. 28
Total performance of transmitter .................. 28
Reference accuracy [E1] ........................ 29
Total performance – Specification values ............. 30
Long-term stability ........................... 30
Detailed Performance Explanation and Calculation ...... 31
Total error ................................. 31
Performance characteristics of PMC71 ceramic
pressure transmitter
(Sensor module + Electronic module) ........... 33
Reference operating conditions ................... 33
Preamble .................................. 33
Total performance of transmitter .................. 33
Reference accuracy [E1] ........................ 34
Total performance – Specification values ............. 35
Long-term stability ........................... 35
Detailed Performance Explanation and Calculation ...... 36
Total error ................................. 38
Performance characteristics - calculation
example and additional information ........... 39
Calculating the total performance in 4 steps ........... 39
Installation factors ............................ 42
Installation ............................... 43
General installation instructions ................... 43
Measuring arrangement for devices without diaphragm
seals – PMC71, PMP71 ........................ 43
Measuring arrangement for devices with diaphragm seals
– PMP75 .................................. 43
Orientation ................................ 43
Wall and pipe mounting ........................ 43
Heat insulation – PMC71 high-temperature version ..... 44
Mounting of PVDF screw-in fittings ................ 44
"Separate housing" version ....................... 45
Turning the housing .......................... 46
Oxygen applications ........................... 47
Silicone-free applications ....................... 47
Ultrapure gas applications ....................... 47
Applications with hydrogen ...................... 47
Environment .............................. 48
Ambient temperature range ..................... 48
Storage temperature range ...................... 48
Degree of protection .......................... 48
Climate class ............................... 48
Electromagnetic compatibility .................... 48
Vibration resistance ........................... 49
Process .................................. 50
Process temperature limits ...................... 50
Process temperature limits of capillary armoring: PMP75 .. 51
Pressure specifications ......................... 52
Mechanical construction .................... 53
Device height ............................... 53
T14 housing, optional display on the side ............
54
T17 housing (hygienic), optional display on the side ..... 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com