Electronic Components Datasheet Search
  English  ▼

X  

PMP71 Datasheet(PDF) 83 Page - Endress+Hauser Group Services AG

Part # PMP71
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP71 Datasheet(HTML) 83 Page - Endress+Hauser Group Services AG

Back Button PMP71 Datasheet HTML 79Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 80Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 81Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 82Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 83Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 84Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 85Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 86Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 87Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
Endress+Hauser
83
APV-RJT nozzles with coupling nut
G
D
d
M
A0021674
Engineering unit mm (in)
Material 1) Nominal
diameter
Nominal
pressure
D
Nozzle
height
Thread
Height Height Max. diameter of
the process
isolating
diaphragm
Weight
Option 2)
PN
f
G
m
h
dM
[in]
[bar]
[mm] [mm]
[mm] [mm] [mm]
[kg (lb)]
AISI 316L
1
PN 40
77
6.5
1 13/16 – 1/8" 22
42.6
21
0.45 (0.99) TL
1 ½
PN 40
72
6.4
2 5/16 – 1/8"
22
42.6
28
0.75 (1.65) TM
2
PN 40
86
6.4
2 7/8 – 1/8"
22
42.6
38
1.2 (2.65)
TN
1)
Surface roughness of the wetted surfaces Ra < 0.8 µm (31.5 µin) as standard.
2)
Product Configurator, order code for "Process connection"
APV-ISS nozzles with coupling nut
G
D
d
M
SW/AF
A0021677
Engineering unit mm (in)
Material 1) Nominal diameter Nominal pressure D
Thread
Across flats Max. diameter of the process
isolating diaphragm
Weight
Option 2)
PN
G
AF
dM
[in]
[bar]
[mm]
[mm]
[kg (lb)]
AISI 316L
1
PN 40
54.1
1 ½" – 1/8" 46.8
24
0.4 (0.88) TP
1 ½
PN 40
72
2" – 1/8"
62
34
0.6 (1.32) TQ
2
PN 40
89
2 ½" – 1/8" 77
45
1.1 (2.43) TS
1)
Surface roughness of the wetted surfaces Ra < 0.8 µm (31.5 µin) as standard.
2)
Product Configurator, order code for "Process connection"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com