Electronic Components Datasheet Search
  English  ▼

X  

PMP71 Datasheet(PDF) 98 Page - Endress+Hauser Group Services AG

Part # PMP71
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP71 Datasheet(HTML) 98 Page - Endress+Hauser Group Services AG

Back Button PMP71 Datasheet HTML 94Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 95Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 96Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 97Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 98Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 99Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 100Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 101Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 102Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
98
Endress+Hauser
2
2
3
4
1
1
A
B
C
2
3
5
1
A0028087
Item
Component part
A
Standard
Armor for capillary
B
PVC-coated
Armor for capillary
C
PTFE hose
Armor for capillary
1
Capillary
AISI 316 Ti (1.4571)
AISI 316 Ti (1.4571)
AISI 316 Ti (1.4571)
2
Flexible armor for capillary
AISI 316L (1.4404) 1)
AISI 316L (1.4404)
AISI 316L (1.4404)
3
Coating/armor
-
PVC 2)
PTFE 3)
4
Single-ear clamp
-
-
1.4301
5
Shrink tubing at capillary junction
-
Polyolefin
-
1)
Product Configurator, order code for "Armor for capillary:" option "SA"
2)
Product Configurator, order code for "Capillary armoring:" option "SB"
3)
Product Configurator, order code for "Capillary armoring:" option "SC"
Weight
Component part
Weight
Housing
See "Housing" section
Process connection
See "Process connections" section
Capillary with armoring made of AISI 316L (1.4404)
0.16 kg/m (0.35 lb/m) + 0.35 kg (0.77 lb)
Capillary with armoring made of AISI 316L (PVC)
0.21 kg/m (0.46 lb/m) + 0.35 kg (0.77 lb)
Capillary with armoring made of AISI 316L (PTFE)
0.29 kg/m (0.64 lb/m) + 0.35 kg (0.77 lb)
Materials in contact with
process
NOTICE
‣ The device components in contact with the process are specified in the "Mechanical construction"
→  53 and "Ordering information" →  119 sections.
Delta-ferrite content
A delta-ferrite content of ≤ 3% can be guaranteed and certified for the wetted parts if option "8" is
selected in the "Additional options 1" or "Additional options 2" order code in the Product Configurator.
If the PMC71 with hygienic process connections is selected, a delta-ferrite content of ≤ 1% can be
guaranteed and certified if option "8" is selected in the "Additional options 1" or "Additional options 2"
order code in the Product Configurator.
TSE Certificate of Suitability (Transmissible Spongiform Encephalopathy)
The following applies to all device components in contact with the process:
• They do not contain any materials derived from animals.
• No additives or operating materials derived from animals are used in production or processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com