Electronic Components Datasheet Search
  English  ▼

X  

PMP71 Datasheet(PDF) 21 Page - Endress+Hauser Group Services AG

Part # PMP71
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP71 Datasheet(HTML) 21 Page - Endress+Hauser Group Services AG

Back Button PMP71 Datasheet HTML 17Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 18Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 19Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 20Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 21Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 22Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 23Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 24Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 25Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
Endress+Hauser
21
Supported functions
Field diagnostics profile (only with FF912)
The following methods are supported:
• Restart
• Configure error as warning or alarm
• HistoROM
• Peakhold
• Alarm info
• Sensor trim
Number of VCRs
• 44 (device revision 6)
• 24 (device revision 7)
Number of link objects in VFD
50
Virtual communication references (VCRs)
Device revision 6
Device revision 7
Permanent entries
44
1
Client VCRs
0
0
Server VCRs
5
10
Source VCRs
8
43
Sink VCRs
0
0
Subscriber VCRs
12
43
Publisher VCRs
19
43
Link settings
Device revision 6
Device revision 7
Slot time
4
4
Min. Inter PDU delay
12
10
Max. response delay
10
10
Transducer Blocks
Block
Content
Output values
TRD1 Block
Contains all parameters related to
the measurement
• Pressure or level (channel 1)
• Process temperature (channel 2)
Service Block
Contains service information
• Pressure after damping (channel 3)
• Pressure peakhold indicator (channel 4)
• Counter for max. pressure transgressions (channel
5)
Diagnostic Block Contains diagnostic information
Error code via DI channels (channel 0 to 16)
Display Block
Contains parameters to configure
the onsite display
No output values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com