Electronic Components Datasheet Search
  English  ▼

X  

PMP71 Datasheet(PDF) 60 Page - Endress+Hauser Group Services AG

Part # PMP71
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP71 Datasheet(HTML) 60 Page - Endress+Hauser Group Services AG

Back Button PMP71 Datasheet HTML 56Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 57Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 58Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 59Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 60Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 61Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 62Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 63Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 64Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
60
Endress+Hauser
Process connections for
PMC71 with flush-mounted
process isolating diaphragm
Threaded connection ANSI
A
60
NPT 1½"
A0020948
B
ø68 (2.68)
70
NPT 2"
A0020949
Engineering unit mm (in). Height H →  60
Item
Description
Material
Weight
Approval 1)
Option 2)
kg (lb)
A
ANSI 1 ½" MNPT
AISI 316L (CRN)
0.63 (1.39)
CRN
2D
Alloy C276 (2.4819) (CRN)
CRN
2E
Monel (2.4360)
-
2F
B
ANSI 2" MNPT
AISI 316L (CRN)
CRN
2G
Alloy C276 (2.4819) (CRN)
CRN
2H
Monel (2.4360)
-
2J
1)
CSA approval: Product Configurator, order code for "Approval"
2)
Product Configurator, order code for "Process connection"
Process connections for
PMC71 with flush-mounted
process isolating diaphragm
- height H
Description
Height H
High-temperature version
86 mm (3.39 in)
High-temperature version with Ex d[ia], CSA XP or FM XP
151 mm (5.94 in)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com