Electronic Components Datasheet Search
  English  ▼

X  

PMP71 Datasheet(PDF) 19 Page - Endress+Hauser Group Services AG

Part # PMP71
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP71 Datasheet(HTML) 19 Page - Endress+Hauser Group Services AG

Back Button PMP71 Datasheet HTML 15Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 16Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 17Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 18Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 19Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 20Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 21Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 22Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 23Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
Endress+Hauser
19
Alarm current
Description
Option 1)
Min alarm current
J
HART burst mode PV
Min alarm current + HART burst mode PV
1)
Product Configurator, order code for "Additional options 1" and "Additional options 2"
Firmware version
Description
Option 1)
02.20.zz, HART 7, DevRev22
72
02.11.zz, HART 5, DevRev21
73
04.00.zz, FF, DevRev07
74
04.01.zz, PROFIBUS PA, DevRev03
75
02.10.zz, HART 5, DevRev21
76
03.00.zz, FF, DevRev06
77
04.00.zz, PROFIBUS PA
78
1)
Product Configurator, order code for "Firmware version"
HART protocol-specific data
Manufacturer ID
17 (11 hex)
Device type code
24 (18 hex)
Device revision
• 21 (15 hex) - SW version 02.1y.zz - HART specification 5
• 22 (16 hex) - SW version 02.2y.zz - HART specification 7
HART specification
• 5
• 7
DD revision
• 4 (Russian in language selection) for device revision 21
• 3 (Dutch in language selection) for device revision 21
• 1 for device revision 22
Device description files (DTM, DD)
Information and files at:
• www.endress.com
• www.hartcomm.org
HART load
Min. 250 Ω
HART device variables
The measured values are assigned to the device variables as follows:
Measured values for PV (primary variable)
• Pressure
• Level
• Tank content
Measured values for SV, TV (second and third variable)
Pressure
Measured values for QV (fourth variable)
Temperature
Supported functions
• Burst mode
• Additional transmitter status
• Device locking
• Alternative operating modes
PROFIBUS PA protocol-
specific data
Manufacturer ID
17 (11 hex)
Identification number
1541 hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com