Electronic Components Datasheet Search
  English  ▼

X  

PMP71 Datasheet(PDF) 8 Page - Endress+Hauser Group Services AG

Part # PMP71
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP71 Datasheet(HTML) 8 Page - Endress+Hauser Group Services AG

Back Button PMP71 Datasheet HTML 4Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 5Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 6Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 7Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 8Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 9Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 10Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 11Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 12Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
8
Endress+Hauser
Function and system design
Device features
PMC71
PMP71
PMP75
A0020461
A0020463
A0020464
With capacitance measuring cell and
ceramic process isolating diaphragm
(Ceraphire®)
With piezoresistive measuring cell and
metallic welded process isolating
diaphragm
With diaphragm seal
Field of
application
• Gauge pressure and absolute pressure
• Level
Process
connections
• Diverse thread
• DN 25 – DN 80
• ASME 1 ½" – 4"
• JIS 50 A – 100 A
• Diverse thread
• DN 25 – DN 80
• ASME 1 ½" – 4"
• JIS 25 A – 100 A
• Oval flange adapter
• Prepared for diaphragm seal mount
Wide range of diaphragm seals
Measuring
ranges
from –100/0 to 100 mbar (–1.5/0 to 1.5
psi)
to –1/0 to 40 bar (–15/0 to 600 psi)
from –400/0 to 400 mbar (–6/0 to 6 psi)
to –1/0 to 700 bar (–15/0 to 10500 psi)
from –400/0 to 400 mbar (–6/0 to 6 psi)
to –1/0 to 400 bar (–15/0 to 6000 psi)
OPL
max. 60 bar (900 psi)
max. 1050 bar (15750 psi)
max. 600 bar (9000 psi)
Process
temperature
range 1)
–25 to +125 °C (–13 to +257 °F)/
–20 to +150 °C (–4 to +302 °F) 2)
–40 to +125 °C (–40 to +257 °F)
–70 to +400 °C (–94 to +752 °F)
(depends on filling oil)
Ambient
temperature
range
• Without LCD display: –40 to +85 °C (–40 to +185 °F) 3)
• With LCD display: –20 to +70 °C (–4 to +158 °F)
• Separate housing: –20 to +60 °C (–4 to +140 °F)
• Diaphragm seal systems depending on the version
Reference
accuracy
• Up to ±0.05 % of the set span
• PLATINUM version: up to ±0.025 % of the set span
Up to ±0.075 % of the set span
Supply voltage
non-Ex
• 4 to 20 mA HART: 10.5 to 45 V DC
• PROFIBUS PA and FOUNDATION Fieldbus: 9 to 32 V DC
Supply voltage
Ex ia
10.5 to 30 V DC
Output
4 to 20 mA with superimposed HART protocol, PROFIBUS PA or FOUNDATION Fieldbus
Options
• Gold-rhodium coated process isolating diaphragm
• NACE-compliant materials
• Inspection certificate 3.1
• HistoROM®/M-DAT memory chip
• Separate housing
Specialties
• Metal-free measurement with PVDF
connection
• Special cleaning of the transmitter to
remove paint-wetting substances, for
use in paint shops
• Process connections with minimum oil
volume
• Gas-tight, elastomer-free
• Wide range of diaphragm seals
• For high media temperatures
• Process connections with minimum oil
volume
• Completely welded versions
1)
(temperature at process connection)
2)
High-temperature version, see Product Configurator section "Additional options 1" or 110 "Additional options 2", option "T"
3)
PMP71 and PMP75: lower temperatures on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com