Electronic Components Datasheet Search
  English  ▼

X  

PMP71 Datasheet(PDF) 57 Page - Endress+Hauser Group Services AG

Part # PMP71
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP71 Datasheet(HTML) 57 Page - Endress+Hauser Group Services AG

Back Button PMP71 Datasheet HTML 53Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 54Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 55Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 56Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 57Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 58Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 59Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 60Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 61Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
Endress+Hauser
57
Threaded connection ANSI
A
NPT ¼"
NPT ½"
A0020938
B
ø11.4 (0.45)
NPT ½"
A0020939
C
ø3 (0.12)
NPT ½"
A0020940
D
ø26.5 (1.04)
NPT ½"
A0020943
Engineering unit mm (in). Height H →  58
Item Description
Material
Weight
Approval 1)
Option 2)
kg (lb)
A
ANSI ½" MNPT, ¼" FNPT
AISI 316L
0.63 (1.39)
CRN
RA
Alloy C276 (2.4819)
CRN
RB
Monel (2.4360)
-
RC
B
ANSI ½" MNPT,
Hole11.4 mm (0.45 in)
AISI 316L
CRN
RD
Alloy C276 (2.4819)
CRN
RE
Monel (2.4360)
-
RF
C
ANSI ½" MNPT,
Hole3 mm (0.12 in)
PVDF
• Only mount with a mounting bracket (included)
• MWP 10 bar (150 psi), OPL max. 15 bar (225 psi)
• Process temperature range: +10 to +60 °C (+14 to +140 °F)
-
RG
D
ANSI ½" FNPT
Hole11.4 mm (0.45 in)
AISI 316L
CRN
RH
Alloy C276 (2.4819)
CRN
RJ
Monel (2.4360)
-
RK
1)
CSA approval: Product Configurator, order code for "Approval"
2)
Product Configurator, order code for "Process connection"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com