Electronic Components Datasheet Search
  English  ▼

X  

PMP71 Datasheet(PDF) 10 Page - Endress+Hauser Group Services AG

Part # PMP71
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP71 Datasheet(HTML) 10 Page - Endress+Hauser Group Services AG

Back Button PMP71 Datasheet HTML 6Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 7Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 8Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 9Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 10Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 11Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 12Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 13Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 14Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
10
Endress+Hauser
Advantages:
• Can be used for process pressures up to 700 bar (10500 psi)
• High long-term stability
• Guaranteed overload resistance up to 4 times the nominal pressure
• Secondary containment for enhanced integrity
• Significantly reduced thermal effect e.g. compared to diaphragm seal systems with capillaries
PMP75
The operating pressure acts on the process isolating diaphragm of the diaphragm seal and is
transferred to the process isolating diaphragm of the sensor by a diaphragm seal fill fluid. The
process isolating diaphragm is deflected and a fill fluid transfers the pressure to a resistance
measuring bridge. The pressure-dependent change in the bridge output voltage is measured and
evaluated.
Advantages:
• Depending on the version, can be used for process pressures up to 400 bar (6000 psi) and for
extreme process temperatures
• High long-term stability
• Guaranteed overload resistance up to 4 times the nominal pressure
• Secondary containment for enhanced integrity
Product design
Level measurement (level, volume and mass):
h =
p
ρ
g
h
A0020466
h
Height (level)
p
Pressure
ρ
Density of the medium
g
Gravitational constant
Your benefits
• Selection of the level operating mode which is optimum for your application in the device software.
• Volume and mass measurements in any container shapes by means of a freely programmable
characteristic curve.
• Choice of diverse level units with automatic unit conversion.
• A customized unit can be specified.
• Has a wide range of uses, e.g.
– in the event of foam formation
– in containers with agitators or screen fittings
– in the event of liquid gases
Applications suitable for
custody transfer
measurement
The Parts Certificate is issued on the basis of the following standards:
• WELMEC guide 8.8 "General and Administrative Aspects of the Voluntary System of Modular
Evaluation of Measuring instruments under the MID".
• OIML R117-1 Edition 2007 (E) "Dynamic measuring systems for liquids other than water".
• EN 12405-1/A1 Edition 2006 "Gas meters – Conversion devices – Part 1: Volume conversion".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com