Electronic Components Datasheet Search
  English  ▼

X  

PMP71 Datasheet(PDF) 23 Page - Endress+Hauser Group Services AG

Part # PMP71
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP71 Datasheet(HTML) 23 Page - Endress+Hauser Group Services AG

Back Button PMP71 Datasheet HTML 19Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 20Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 21Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 22Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 23Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 24Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 25Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 26Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 27Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
Endress+Hauser
23
Power supply
LWARNING
Electrical safety is compromised by an incorrect connection.
‣ When using the measuring device in hazardous areas, the relevant national standards and
regulations as well as the Safety Instructions or Installation or Control Drawings must be
observed →  122.
‣ All explosion protection data are given in separate documentation which is available upon
request. The Ex documentation is supplied as standard with all Ex-systems →  122.
‣ Devices with integrated overvoltage protection must be grounded →  27.
‣ Protective circuits against reverse polarity, HF influences and overvoltage peaks are integrated.
Terminal assignment
4 to 20 mA HART
4... 20mA
Test
Test
Test
4... 20mA
Test
1
8
6
7
2
3
4
5
A0019989
1
Housing
2
Supply voltage
3
4 to 20 mA
4
Devices with integrated overvoltage protection are labeled "OVP" (overvoltage protection) here.
5
External ground terminal
6
4 to 20 mA test signal between positive and test terminal
7
Internal ground terminal
8
Jumper for 4 to 20 mA test signal →  24
PROFIBUS PA and FOUNDATION Fieldbus
1
4
5
2
3
A0020158
1
Housing
2
Supply voltage
3
Devices with integrated overvoltage protection are labeled "OVP" (overvoltage protection) here.
4
External ground terminal
5
Internal ground terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com