Electronic Components Datasheet Search
  English  ▼

X  

PMP71 Datasheet(PDF) 97 Page - Endress+Hauser Group Services AG

Part # PMP71
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP71 Datasheet(HTML) 97 Page - Endress+Hauser Group Services AG

Back Button PMP71 Datasheet HTML 93Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 94Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 95Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 96Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 97Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 98Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 99Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 100Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 101Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
Endress+Hauser
97
Connecting parts
10
11
12
1
1
2
3
4
4
6
5
9
1
5
6
7
8
A0028222
Item number Component part
Material
1
Connection between the housing and
process connection
AISI 316L (1.4404)
2
Mounting bracket
Bracket AISI 316L (1.4404)
3
Screw and nuts A4-70
4
Half-shells: AISI 316L (1.4404)
5
Seal for cable from separate housing
EPDM
6
Gland for cable from separate housing
AISI 316L (1.4404)
7
PE cable for separate housing
abrasion-proof cable with strain-relief Dynema
members; shielded using aluminum-coated foil;
insulated with polyethylene (PE-LD), black;
copper wires, twisted, UV‑resistant
8
FEP cable for separate housing
Abrasion-proof cable; shielded using galvanized
steel wire netting; insulated with fluorinated
ethylene propylene (FEP), black; copper cores,
twisted, UV-resistant
9
Process connection adapter for separate
housing
AISI 316L (1.4404)
10
Cell body
AISI 316L (1.4404)
11
Connection between body of measuring cell
and capillary
AISI 316L (1.4404)
12
Heat-shrink tube
(available only if capillary has PTFE or PVC
sheath)
Polyolefin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com