Electronic Components Datasheet Search
  English  ▼

X  

PMP71 Datasheet(PDF) 35 Page - Endress+Hauser Group Services AG

Part # PMP71
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP71 Datasheet(HTML) 35 Page - Endress+Hauser Group Services AG

Back Button PMP71 Datasheet HTML 31Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 32Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 33Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 34Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 35Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 36Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 37Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 38Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 39Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
Endress+Hauser
35
Total performance –
Specification values
 
 
Measuring cell
PMC71 standard 1) 2)
Gauge pressure and absolute pressure
PMC71 platinum 2)
Gauge pressure and absolute pressure
TD 1:1
TD 2:1
TD 3:1
TD 4:1
TD 5:1
TD 1:1
TD 2:1
TD 3:1
TD 4:1
TD 5:1
100 mbar (1.5 psi)
±0.175
±0.24
±0.31
±0.38
±0.44
±0.166
±0.24
±0.31
±0.38
±0.44
250 mbar (3.75 psi)
±0.175
±0.24
±0.31
±0.38
±0.44
±0.166
±0.24
±0.31
±0.38
±0.44
400 mbar (6 psi)
±0.166
±0.23
±0.30
±0.37
±0.44
±0.162
±0.23
±0.30
±0.37
±0.44
1 bar (15 psi)
±0.144
±0.21
±0.27
±0.33
±0.40
±0.139
±0.21
±0.27
±0.33
±0.40
2 bar (30 psi)
±0.144
±0.21
±0.27
±0.33
±0.40
±0.137
±0.21
±0.27
±0.33
±0.40
4 bar (60 psi)
±0.144
±0.21
±0.27
±0.33
±0.40
±0.137
±0.21
±0.27
±0.33
±0.40
10 bar (150 psi)
±0.144
±0.21
±0.27
±0.33
±0.40
±0.137
±0.21
±0.27
±0.33
±0.40
40 bar (600 psi)
±0.144
±0.21
±0.27
±0.33
±0.40
±0.137
±0.21
±0.27
±0.33
±0.40
1)
The specification values are applicable to the temperature range per 28 °C (per 50 °F) with reference to + 25°C (77°F) for all measuring cells. The
specification values are applicable to analog output (i.e. inclusion of electronics error).
2)
The specifications refer to the calibrated span/Upper Range Value (URV).
Long-term stability
 
Measuring cell
PMC71 - % of the upper range limit /
Gauge pressure
PMC71 - % of the upper range limit /
Absolute pressure
1 year
5 years
10 years
1 year
5 years
10 years
100 mbar (1.5 psi)
± 0.05
± 0.08
± 0.10
± 0.05
± 0.15
± 0.20
250 mbar (3.75 psi)
± 0.05
± 0.08
± 0.10
± 0.05
± 0.15
± 0.20
400 mbar (6 psi)
± 0.05
± 0.08
± 0.10
± 0.05
± 0.15
± 0.20
1 bar (15 psi)
± 0.05
± 0.08
± 0.10
± 0.05
± 0.15
± 0.20
2 bar (30 psi)
± 0.05
± 0.08
± 0.10
± 0.05
± 0.15
± 0.20
4 bar (60 psi)
± 0.05
± 0.08
± 0.10
± 0.05
± 0.15
± 0.20
10 bar (150 psi)
± 0.05
± 0.08
± 0.10
± 0.05
± 0.15
± 0.20
40 bar (600 psi)
± 0.05
± 0.08
± 0.10
± 0.05
± 0.15
± 0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com