Electronic Components Datasheet Search
  English  ▼

X  

PMP71 Datasheet(PDF) 54 Page - Endress+Hauser Group Services AG

Part # PMP71
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP71 Datasheet(HTML) 54 Page - Endress+Hauser Group Services AG

Back Button PMP71 Datasheet HTML 50Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 51Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 52Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 53Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 54Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 55Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 56Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 57Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 58Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
54
Endress+Hauser
T14 housing, optional
display on the side
152 (5.98)
111 (4.37)
111 (4.37)
A0019997
Engineering unit mm (in). Front view, left-hand side view, top view
Material
Degree of protection
Cable entry
Weight in kg (lb)
Option 1)
Housing
Cover seal
with display
without display
Aluminum
EPDM
IP66/67 NEMA 6P
M20 gland
1.2 (2.65)
1.1 (2.43)
A
IP66/67 NEMA 6P
G ½" thread
B
IP66/67 NEMA 6P
NPT ½" thread
C
IP66/67 NEMA 6P
M12 plug
D
IP66/67 NEMA 6P
7/8" plug
E
IP65 NEMA 4
HAN7D plug 90 degrees
F
316L
EPDM
IP66/67 NEMA 6P
M20 gland
2.1 (4.63)
2.0 (4.41)
1
IP66/67 NEMA 6P
G ½" thread
2
IP66/67 NEMA 6P
NPT ½" thread
3
IP66/67 NEMA 6P
M12 plug
4
IP66/67 NEMA 6P
7/8" plug
5
IP65 NEMA 4
HAN7D plug 90 degrees
6
FVMQ
IP66/67 NEMA 6P
M20 gland
7
FVMQ
IP66/67 NEMA 6P
NPT ½" thread
8
1)
Product Configurator, order code for "Housing, cover seal, cable entry, degree of protection"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com