Electronic Components Datasheet Search
  English  ▼

X  

PMP71 Datasheet(PDF) 6 Page - Endress+Hauser Group Services AG

Part # PMP71
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP71 Datasheet(HTML) 6 Page - Endress+Hauser Group Services AG

Back Button PMP71 Datasheet HTML 2Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 3Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 4Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 5Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 6Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 7Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 8Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 9Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 10Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
6
Endress+Hauser
Terms and abbreviations
URL
OPL
MWP
LRL
0
p
LRV
URV
1
2
3
4
A0029505
Item Term/abbreviation
Explanation
1
OPL
The OPL (over pressure limit = sensor overload limit) for the measuring device depends on the lowest-rated element,
with regard to pressure, of the selected components, i.e. the process connection has to be taken into consideration in
addition to the measuring cell. Also observe pressure-temperature dependency. For the relevant standards and
additional information, see the "Pressure specifications"→  52 section.
The OPL may only be applied for a limited period of time.
2
MWP
The MWP (maximum working pressure) for the sensors depends on the lowest-rated element, with regard to
pressure, of the selected components, i.e. the process connection has to be taken into consideration in addition to the
measuring cell. Also observe pressure-temperature dependency. For the relevant standards and additional
information, see the "Pressure specifications"→  52 section.
The MWP may be applied at the device for an unlimited period.
The MWP can also be found on the nameplate.
3
Maximum sensor
measuring range
Span between LRL and URL
This sensor measuring range is equivalent to the maximum calibratable/adjustable span.
4
Calibrated/adjusted
span
Span between LRV and URV
Factory setting: 0 to URL
Other calibrated spans can be ordered as customized spans.
p
-
Pressure
-
LRL
Lower range limit
-
URL
Upper range limit
-
LRV
Lower range value
-
URV
Upper range value
-
TD (turn down)
Turn down
Example - see the following section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com