Electronic Components Datasheet Search
  English  ▼

X  

PMP71 Datasheet(PDF) 28 Page - Endress+Hauser Group Services AG

Part # PMP71
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP71 Datasheet(HTML) 28 Page - Endress+Hauser Group Services AG

Back Button PMP71 Datasheet HTML 24Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 25Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 26Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 27Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 28Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 29Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 30Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 31Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 32Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
28
Endress+Hauser
Performance characteristics of PMP71/PMP75 metallic
pressure transmitter
(Sensor module + Electronic module)
Reference operating
conditions
• As per IEC 60770
• Ambient temperature TA = constant, in the range +21 to +33 °C (+70 to +91 °F)
• Humidity j = constant, in the range: 5 to 80 % RH ± 5 %
• Ambient pressure pA = constant, in range: 860 to 1060 mbar (12.47 to 15.37 psi)
• Position of measuring cell: horizontal ±1° (see also "Influence of the installation position" section
→  42)
• Input of LOW SENSOR TRIM and HIGH SENSOR TRIM for lower range value and upper range value
• Zero based span
• PMP71 material of the process isolating diaphragm: AISI 316L (1.4435)
• PMC71 material of the process isolating diaphragm: Al2O3 aluminum oxide ceramic FDA,
ultrapure 99.9 %
• PMP71 filling oil: silicone oil
• Supply voltage: 24 V DC ±3 V DC
• Load with HART: 250 Ω
• Turn down, TD = URL /|URV |; zero based span
Preamble
The performance characteristic of the transmitter refers to "Accuracy of the transmitter". The factors
influencing accuracy can be divided into 2 groups
• Total performance of transmitter →  30
• Installation dependent influencing factors →  42
Total performance of
transmitter
Transmitter total performance →  30 comprises the reference accuracy, ambient temperature
effect and it is calculated by the formula
Total performance = ± √ ( (E1)² + (E2)² )
E1 = Reference accuracy →  29
E2 = Ambient temperature effect per 28°C (per 50°F) →  31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com