Electronic Components Datasheet Search
  English  ▼

X  

PMP71 Datasheet(PDF) 85 Page - Endress+Hauser Group Services AG

Part # PMP71
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP71 Datasheet(HTML) 85 Page - Endress+Hauser Group Services AG

Back Button PMP71 Datasheet HTML 81Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 82Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 83Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 84Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 85Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 86Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 87Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 88Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 89Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
Endress+Hauser
85
NEUMO BioControl
Process temperature range: –10 to +200 °C (+14 to +392 °F)
D
d
M
d
2
d3
d1
A0023435
Engineering unit mm (in)
Material 1) NEUMO BioControl
Diaphragm seal
Approv-
al
Option 2)
Max. diameter of the
process isolating
diaphragm
Weight
Nominal
of the
diaphragm
Nominal
pressure
Diameter
Height Standard
with TempC
membrane
PN
D
d
d2
d3
d1
m
dM
dM
[bar]
[mm] [mm] [mm]
[mm] [mm] [mm] [mm]
[mm]
[kg (lb)]
AISI 316L
DN 50
PN 16
90
17
4 x Ø 9
50
70
27
40
36
1.1
(2.43)
3A
S4 3)
DN 80
PN 16
140
25
4 x Ø 11 87.4
115
37
61
61
2.6
(5.73)
3A
S6 3)
1)
Surface roughness of the wetted surfaces Ra < 0.76 µm (29.9 µin) as standard.
2)
Product Configurator, order code for "Process connection"
3)
With TempC membrane
Universal process adapter
ø43.5 (1.71)
= ø36 (1.42)
1
2
d
M
3
A0020013
Engineering unit mm (in)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com