Electronic Components Datasheet Search
  English  ▼

X  

PMP71 Datasheet(PDF) 63 Page - Endress+Hauser Group Services AG

Part # PMP71
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP71 Datasheet(HTML) 63 Page - Endress+Hauser Group Services AG

Back Button PMP71 Datasheet HTML 59Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 60Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 61Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 62Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 63Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 64Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 65Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 66Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 67Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
Endress+Hauser
63
JIS flanges, connection dimensions in accordance with JIS B 2220 BL, raised face RF
D
k
g
2
g
26
A0026336
Engineering unit mm
Flange
Boltholes
Weight
Option 1)
Material
Nominal diameter
Nominal pressure
D
Thickness
Raised face
Number g2
Hole circle
b
g
k
mm mm
mm
mm mm
kg (lb)
AISI 316L
(1.4435)
50 A
10 K
155 16
96
4
19
120
2.0 (4.41)
KF
80 A
10 K
185 18
127
8
19
150
3.3 (7.28)
KL
100 A
10 K
210 18
151
8
19
175
4.4 (9.7)
KH
1)
Product Configurator, order code for "Process connection"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com