Electronic Components Datasheet Search
  English  ▼

X  

PMP71 Datasheet(PDF) 22 Page - Endress+Hauser Group Services AG

Part # PMP71
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP71 Datasheet(HTML) 22 Page - Endress+Hauser Group Services AG

Back Button PMP71 Datasheet HTML 18Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 19Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 20Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 21Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 22Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 23Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 24Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 25Page - Endress+Hauser Group Services AG PMP71 Datasheet HTML 26Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
22
Endress+Hauser
Function blocks
Block
Content
Number
blocks
Execution time
Functionality
Device
Revision 6
Device
Revision 7
Device
Revision 6
Device
Revision 7
Resource Block
This block contains all the data that uniquely identifies the device; it is
an electronic version of a nameplate for the device.
1
enhanced
enhanced
Analog Input
Block 1
Analog Input
Block 2
The AI Block receives the measuring data from the Sensor Block,
(selectable via a channel number) and makes the data available to
other function blocks at its output. Enhancement: Digital outputs for
process alarms, fail safe mode
2
45 ms
45 ms
(without
trend and
alarm
reports)
enhanced
enhanced
Digital Input
Block
This block contains the discrete data of the Diagnose Block (selectable
via a channel number 0 to 16) and provides them for other blocks at
the output.
1
40 ms
30 ms
standard
enhanced
Digital Output
Block
This block converts the discrete input and thus initiates an action
(selectable via a channel number) in the DP Flow Block or in the
Service Block. Channel 1 resets the counter for max. pressure
transgressions.
1
60 ms
40 ms
standard
enhanced
PID Block
This block is used as a proportional-integral-derivative controller and
can be used universally for closed-loop-control in the field. It enables
cascade mode and feedforward control. Input IN can be indicated on
the display. The selection is performed in the Display Block
(DISPLAY_MAIN_LINE_CONTENT).
1
120 ms
70 ms
standard
enhanced
Arithmetic
Block
This block is designed to permit simple use of popular measurement
math functions. The user does not have to know how to write
equations. The math algorithm is selected by name, chosen by the
user for the function to be performed.
1
50 ms
40 ms
standard
enhanced
Input Selector
Block
The Input Selector Block facilitates the selection of up to four inputs
and generates an output based on the configured action. This block
normally receives its inputs from AI Blocks. The block performs
maximum, minimum, average and ‘first good’ signal selection. Inputs
IN1 to IN4 can be indicated on the display. The selection is performed
in the Display Block (DISPLAY_MAIN_LINE_CONTENT).
1
35 ms
35 ms
standard
enhanced
Signal
Characterizer
Block
The Signal Characterizer Block has two sections, each with an output
that is a non-linear function of the respective input. The non-linear
function is generated by a single look-up table with 21 arbitrary x-y
pairs.
1
30 ms
40 ms
standard
enhanced
Integrator Block The Integrator Block integrates a variable as a function of the time or
accumulates the counts from a Pulse Input Block. The block can be
used as a totalizer that counts up until a reset, or as a batch totalizer
whereby the integrated value is compared against a target value
generated before or during the control routine and generates a binary
signal when the target value is reached.
1
35 ms
40 ms
standard
enhanced
Analog Alarm
Block
This block contains all process alarm conditions (working like a
comparator) and represents them at the output.
1
35 ms
35 ms
standard
enhanced
Additional function block information:
Instantiatable function blocks
YES
YES
Number of additional instantiatable function blocks
11
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com