Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 17 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 17 Page - ABB

Back Button T1N080TL Datasheet HTML 13Page - ABB T1N080TL Datasheet HTML 14Page - ABB T1N080TL Datasheet HTML 15Page - ABB T1N080TL Datasheet HTML 16Page - ABB T1N080TL Datasheet HTML 17Page - ABB T1N080TL Datasheet HTML 18Page - ABB T1N080TL Datasheet HTML 19Page - ABB T1N080TL Datasheet HTML 20Page - ABB T1N080TL Datasheet HTML 21Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 81 page
background image
14
Discount Schedule DS-ST
ABB
AC1615S - 03/10
Ts3
150A, 600VAC ∆ / 225A, 480VAC ∆
Thermal-Magnetic
Ts3
Ts3-150A Frame, Thermal-Magnetic Trip Unit Fixed
Breaker
IC at
600VAC
Rating
Magnetic
Trip
2-Pole, 480VAC/500VDC
Part Number
List
Price
3-Pole, 600VAC/600VDC
Part Number
List
Price
4-Pole, 600VAC/600VDC
Part Number
List
Price
Ts3N
14kA
15A
500A
Ts3N015TW-2
Ts3N015TW
Ts3N015TW-4
20A
500A
Ts3N020TW-2
Ts3N020TW
Ts3N020TW-4
25A
500A
Ts3N025TW-2
Ts3N025TW
Ts3N025TW-4
30A
500A
Ts3N030TW-2
Ts3N030TW
Ts3N030TW-4
35A
500A
Ts3N035TW-2
Ts3N035TW
Ts3N035TW-4
40A
500A
Ts3N040TW-2
Ts3N040TW
Ts3N040TW-4
50A
500A
Ts3N050TW-2
Ts3N050TW
Ts3N050TW-4
60A
600A
Ts3N060TW-2
Ts3N060TW
Ts3N060TW-4
70A
700A
Ts3N070TW-2
Ts3N070TW
Ts3N070TW-4
80A
800A
Ts3N080TW-2
Ts3N080TW
Ts3N080TW-4
90A
900A
Ts3N090TW-2
Ts3N090TW
Ts3N090TW-4
100A
1000A
Ts3N100TW-2
Ts3N100TW
Ts3N100TW-4
125A
1250A
Ts3N125TW-2
Ts3N125TW
Ts3N125TW-4
150A
1500A
Ts3N150TW-2
Ts3N150TW
Ts3N150TW-4
IC at
480VAC
25kA
175A (1)
1750A
Ts3N175TW-2
Ts3N175TW
Ts3N175TW-4
200A (1)
2000A
Ts3N200TW-2
Ts3N200TW
Ts3N200TW-4
225A (1)
2250A
Ts3N225TW-2
Ts3N225TW
Ts3N225TW-4
Breaker
IC at
600VAC
Rating
Magnetic
Trip
2-Pole, 480VAC/500VDC
Part Number
List
Price
3-Pole, 600VAC/600VDC
Part Number
List
Price
Ts3H
14kA
15A
500A
Ts3H015TW-2
Ts3H015TW
20A
500A
Ts3H020TW-2
Ts3H020TW
25A
500A
Ts3H025TW-2
Ts3H025TW
30A
500A
Ts3H030TW-2
Ts3H030TW
35A
500A
Ts3H035TW-2
Ts3H035TW
40A
500A
Ts3H040TW-2
Ts3H040TW
50A
500A
Ts3H050TW-2
Ts3H050TW
60A
600A
Ts3H060TW-2
Ts3H060TW
70A
700A
Ts3H070TW-2
Ts3H070TW
80A
800A
Ts3H080TW-2
Ts3H080TW
90A
900A
Ts3H090TW-2
Ts3H090TW
100A
1000A
Ts3H100TW-2
Ts3H100TW
125A
1250A
Ts3H125TW-2
Ts3H125TW
150A
1500A
Ts3H150TW-2
Ts3H150TW
IC at
480VAC
50kA
175A (1)
1750A
Ts3H175TW-2
Ts3H175TW
200A (1)
2000A
Ts3H200TW-2
Ts3H200TW
225A (1)
2250A
Ts3H225TW-2
Ts3H225TW
Breaker
IC at
600VAC
Rating
Magnetic
Trip
2-Pole, 480VAC/500VDC
Part Number
List
Price
3-Pole, 600VAC/600VDC
Part Number
List
Price
Ts3L
25kA
15A
500A
Ts3L015TW-2
Ts3L015TW
20A
500A
Ts3L020TW-2
Ts3L020TW
25A
500A
Ts3L025TW-2
Ts3L025TW
30A
500A
Ts3L030TW-2
Ts3L030TW
35A
500A
Ts3L035TW-2
Ts3L035TW
40A
500A
Ts3L040TW-2
Ts3L040TW
50A
500A
Ts3L050TW-2
Ts3L050TW
60A
600A
Ts3L060TW-2
Ts3L060TW
70A
700A
Ts3L070TW-2
Ts3L070TW
80A
800A
Ts3L080TW-2
Ts3L080TW
90A
900A
Ts3L090TW-2
Ts3L090TW
100A
1000A
Ts3L100TW-2
Ts3L100TW
125A
1250A
Ts3L125TW-2
Ts3L125TW
150A
1500A
Ts3L150TW-2
Ts3L150TW
IC at
480VAC
65kA
175A (1)
1750A
Ts3L175TW-2
Ts3L175TW
200A (1)
2000A
Ts3L200TW-2
Ts3L200TW
225A (1)
2250A
Ts3L225TW-2
Ts3L225TW
(1) 480VAC/500VDC maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com