Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 18 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 18 Page - ABB

Back Button T1N080TL Datasheet HTML 14Page - ABB T1N080TL Datasheet HTML 15Page - ABB T1N080TL Datasheet HTML 16Page - ABB T1N080TL Datasheet HTML 17Page - ABB T1N080TL Datasheet HTML 18Page - ABB T1N080TL Datasheet HTML 19Page - ABB T1N080TL Datasheet HTML 20Page - ABB T1N080TL Datasheet HTML 21Page - ABB T1N080TL Datasheet HTML 22Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 81 page
background image
Ts3
150A, 600VAC ∆ / 225A, 480VAC ∆, 100% Rated
Thermal-Magnetic
Ts3
ABB
Discount Schedule DS-ST
15
AC1615S - 03/10
Ts3-225A Frame, 100% Rated Thermal-Magnetic Trip Units
Breaker
IC at
600VAC
Rating
Magnetic
Trip
3-Pole, 600VAC/600VDC
Part Number
List
Price
Ts3NQ
14kA
15A
500A
Ts3NQ015TW
20A
500A
Ts3NQ020TW
25A
500A
Ts3NQ025TW
30A
500A
Ts3NQ030TW
35A
500A
Ts3NQ035TW
40A
500A
Ts3NQ040TW
50A
500A
Ts3NQ050TW
60A
600A
Ts3NQ060TW
70A
700A
Ts3NQ070TW
80A
800A
Ts3NQ080TW
90A
900A
Ts3NQ090TW
100A
1000A
Ts3NQ100TW
125A
1250A
Ts3NQ125TW
150A
1500A
Ts3NQ150TW
IC at
480VAC
25kA
175A (1)
1750A
Ts3NQ175TW
200A (1)
2000A
Ts3NQ200TW
225A (1)
2250A
Ts3NQ225TW
Breaker
IC at
600VAC
Rating
Magnetic
Trip
3-Pole, 600VAC/600VDC
Part Number
List
Price
Ts3HQ
14kA
15A
500A
Ts3HQ015TW
20A
500A
Ts3HQ020TW
25A
500A
Ts3HQ025TW
30A
500A
Ts3HQ030TW
35A
500A
Ts3HQ035TW
40A
500A
Ts3HQ040TW
50A
500A
Ts3HQ050TW
60A
600A
Ts3HQ060TW
70A
700A
Ts3HQ070TW
80A
800A
Ts3HQ080TW
90A
900A
Ts3HQ090TW
100A
1000A
Ts3HQ100TW
125A
1250A
Ts3HQ125TW
150A
1500A
Ts3HQ150TW
IC at
480VAC
50kA
175A (1)
1750A
Ts3HQ175TW
200A (1)
2000A
Ts3HQ200TW
225A (1)
2250A
Ts3HQ225TW
Breaker
IC at
600VAC
Rating
Magnetic
Trip
3-Pole, 600VAC/600VDC
Part Number
List
Price
Ts3LQ
25kA
15A
500A
Ts3LQ015TW
20A
500A
Ts3LQ020TW
25A
500A
Ts3LQ025TW
30A
500A
Ts3LQ030TW
35A
500A
Ts3LQ035TW
40A
500A
Ts3LQ040TW
50A
500A
Ts3LQ050TW
60A
600A
Ts3LQ060TW
70A
700A
Ts3LQ070TW
80A
800A
Ts3LQ080TW
90A
900A
Ts3LQ090TW
100A
1000A
Ts3LQ100TW
125A
1250A
Ts3LQ125TW
150A
1500A
Ts3LQ150TW
IC at
480VAC
65kA
175A (1)
1750A
Ts3LQ175TW
200A (1)
2000A
Ts3LQ200TW
225A (1)
2250A
Ts3LQ225TW
(1) 480VAC/500VDC maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com