Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 14 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 14 Page - ABB

Back Button T1N080TL Datasheet HTML 10Page - ABB T1N080TL Datasheet HTML 11Page - ABB T1N080TL Datasheet HTML 12Page - ABB T1N080TL Datasheet HTML 13Page - ABB T1N080TL Datasheet HTML 14Page - ABB T1N080TL Datasheet HTML 15Page - ABB T1N080TL Datasheet HTML 16Page - ABB T1N080TL Datasheet HTML 17Page - ABB T1N080TL Datasheet HTML 18Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 81 page
background image
T3
ABB
Discount Schedule DS-ST
11
AC1615S - 03/10
T3
225A, 600Y/347VAC, 480VAC ∆
Thermal-Magnetic
60A
600A
T3N060TW
T3N060TW-4
70A
700A
T3N070TW
T3N070TW-4
80A
800A
T3N080TW
T3N080TW-4
90A
900A
T3N090TW
T3N090TW-4
100A
1000A
T3N100TW
T3N100TW-4
T3N
25kA
125A
1250A
T3N125TW
T3N125TW-4
150A
1500A
T3N150TW
T3N150TW-4
175A
1750A
T3N175TW
T3N175TW-4
200A
2000A
T3N200TW
T3N200TW-4
225A
2250A
T3N225TW
T3N225TW-4
Breaker
IC at
Rating
Magnetic
3-Pole, 600Y/347VAC-500DC
List
4-Pole, 600Y/347VAC-500DC
List
480VAC
Trip
Part Number
Price
Part Number
Price
T3-225A Frame, Thermal-Magnetic Trip Unit Fixed
60A
600A
T3S060TW
T3S060TW-4
70A
700A
T3S070TW
T3S070TW-4
80A
800A
T3S080TW
T3S080TW-4
90A
900A
T3S090TW
T3S090TW-4
100A
1000A
T3S100TW
T3S100TW-4
T3S
35kA
125A
1250A
T3S125TW
T3S125TW-4
150A
1500A
T3S150TW
T3S200TW-4
175A
1750A
T3S175TW
T3S175TW-4
200A
2000A
T3S200TW
T3S200TW-4
225A
2250A
T3S225TW
T3S225TW-4
Breaker
IC at
Rating
Magnetic
3-Pole, 600Y/347VAC-500DC
List
4-Pole, 600Y/347VAC-500DC
List
480VAC
Trip
Part Number
Price
Part Number
Price
60A
600A
T3NQ060TW
70A
700A
T3NQ070TW
80A
800A
T3NQ080TW
90A
900A
T3NQ090TW
100A
1000A
T3NQ100TW
T3NQ
25kA
125A
1250A
T3NQ125TW
150A
1500A
T3NQ150TW
175A
1750A
T3NQ175TW
200A
2000A
T3NQ200TW
225A
2250A
T3NQ225TW
Breaker
IC at
Rating
Magnetic
3-Pole, 600Y/347VAC-500VDC
List
480VAC
Trip
Part Number
Price
T3-225A Frame, 100% Rated Thermal-Magnetic Trip Unit Fixed
60A
600A
T3SQ060TW
70A
700A
T3SQ070TW
80A
800A
T3SQ080TW
90A
900A
T3SQ090TW
100A
1000A
T3SQ100TW
T3SQ
35kA
125A
1250A
T3SQ125TW
150A
1500A
T3SQ150TW
175A
1750A
T3SQ175TW
200A
2000A
T3SQ200TW
225A
2250A
T3SQ225TW
Breaker
IC at
Rating
Magnetic
3-Pole, 600Y/347VAC-500VDC
List
480VAC
Trip
Part Number
Price



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com