Electronic Components Datasheet Search
  English  ▼

X  

T1N080TL Datasheet(PDF) 42 Page - ABB

Part # T1N080TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N080TL Datasheet(HTML) 42 Page - ABB

Back Button T1N080TL Datasheet HTML 38Page - ABB T1N080TL Datasheet HTML 39Page - ABB T1N080TL Datasheet HTML 40Page - ABB T1N080TL Datasheet HTML 41Page - ABB T1N080TL Datasheet HTML 42Page - ABB T1N080TL Datasheet HTML 43Page - ABB T1N080TL Datasheet HTML 44Page - ABB T1N080TL Datasheet HTML 45Page - ABB T1N080TL Datasheet HTML 46Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 81 page
background image
ABB
Discount Schedule DS-STA
39
AC1615S - 03/10
Neutral Current Transformers (Required for 4-Wire Ground Fault System)
Frame
Part
Number
List
Price
T7
400...1200A
KT7XNCT1200
Rating Plugs
Frame
Rating Plug
Part
Number
List
Price
T7
400A
600A
800A
1000A
1200A
KT70400RP
KT70600RP
KT70800RP
KT71000RP
KT71200RP
Mechanical Accessories
Item
Part
Number
List
Price
Flange T7
KT7XFCD
Mech. operation
counter
KT7XEMC
IP54 door cover
KT7XDC
Draw-Out Kits
Item
Part Number
Adaptor Moving Part
List
Price
Part Number
Fixed Part
List
Price
T7 - 3 pole with RC-RC
KT7WMK
KT7WFRC
T7 - 4 pole with RC-RC
KT7WMK-4
KT7WFRC-4
Sliding Contact Blocks — T7-Draw-Out (1)
Item
Moving Part
Breaker
List
Price
Fixed Part
Cradle
List
Price
Left Block
KT7XSCMP-L
KT7SCFP-L (T7)
KT7MXSCFP-L
(T7M)
Spring charging motor
Spring charged contact
Ready to close contact
Early auxiliary contact
Contact for trip coil release trip
Trip rest
Center Block
KT7XSCMP-C
KT7XSCFP-C
PR331
PR332
Right Block
KT7XSCMP-R
KT7XSCFP-R
Auxiliary contacts
Shunt trip
Closing Coil
Undervoltage release
Position Key Lock (Fixed Part) — T7 - T7M
Item
Part
Number
List
Price
Different key
KT7XPL-D
Same key #20005
KT7XPL-20005
Same key #20006
KT7XPL-20006
Same key #20007
KT7XPL-20007
Same key #20008
KT7XPL-20008
Locks drawout breaker in racked-in / test isolation / racked-out position.
Position Key Lock Accessory (Fixed Part) — T7 - T7M
Item
Part
Number
List
Price
Key lock accessory
KT7XPLA
Accessory added to position key lock allows breaker to be locked in racked-out position only.
Mechanical Interlocks
Item
Part
Number
List
Price
T7 (2)
Cable T7
KT7XMLC
Mech. interlock plate-fixed
KT7XMLPW
Mech. interlock plate-draw-out
KT7XMLPF
T7-T7M
1000A / 1200A, 600VAC ∆
Accessories
(1) If at least one of the accessories in table is installed on the breaker - respective pair of contact blocks must be installed on the fixed
part (cradle) and the moving part. (breaker)
(2) To interlock two circuit breakers, you have to order a cable kit and two plates.
T7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com